Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SMP1320 Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part No. SMP1320
Description  Low Resistance, Low Capacitance, Plastic Packaged PIN Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SKYWORKS [Skyworks Solutions Inc.]
Homepage  http://www.skyworksinc.com
Logo 

SMP1320 Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
February 23, 2006 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • 200047 Rev. E
DATA SHEET • SMP1320 SERIES
2
Series Resistance vs. Current @ 100 MHz
0.1
0.01
0.1
1
10
100
1
10
100
Forward Current (mA)
400
500
600
700
800
900
1000
DC Characteristic
0.01
0.1
1
10
100
Forward Voltage (mV)
Typical Performance Data
Parameter
Condition
Typ.
Max.
Unit
Reverse current (IR)VR = 50 V
10
µA
Capacitance (CT)
(1)
F = 1 MHz, V = 30 V
0.3
pF
Resistance (RS)
F = 100 MHz, I = 1 mA
2
Resistance (RS)
F = 100 MHz, I = 10 mA
0.9
Forward voltage (VF)IF = 10 mA
0.85
V
Carrier lifetime (TI)
IF = 10 mA
0.4
µs
I region width
8µm
Electrical Specifications at 25 °C
1. CT @ 30 V is 0.45 pF maximum for the SMP1320-007, SMP1320-007LF, and SMP1320-077. CT @ 30 V is 0.5 pF maximum for the SMP1320-017.
LF denotes lead (Pb)-free, RoHS-compliant packaging option as an alternative to our
standard tin/lead (Sn/Pb) packaging.
Common
Common
Low
Ultra Low
Single
Anode
Cathode
Series Pair
Inductance
Single
Inductance
Single
SOT-23
SOT-23
SOT-23
SOT-23
SOT-23
SOD-323
SOT-143
SC-79
SMP1320-001
SMP1320-003
SMP1320-004
SMP1320-005
SMP1320-007
SMP1320-011
SMP1320-017
SMP1320-079
Marking: PL1
Marking: PL9
Marking: PL3
Marking: PL2
Marking: PLB
Marking: PL
Marking: PLF
SMP1320-001LF
SMP1320-003LF
SMP1320-004LF
SMP1320-005LF
SMP1320-007LF
SMP1320-011LF
SMP1320-017LF
SMP1320-079LF
Marking: RL1
Marking: RL9
Marking: RL3
Marking: RL2
Marking: RLB
Marking: RL
Marking: RLF
LS = 1.5 nH
LS = 1.5 nH
LS = 1.5 nH
LS = 1.5 nH
LS = 0.4 nH
LS = 1.5 nH
LS = 0.2 nH
LS = 0.7 nH
SC-70
SC-70
SC-70
SMP1320-074
SMP1320-075
SMP1320-077
SMP1320-074LF
SMP1320-075LF
SMP1320-077LF
Marking: RL3
Marking: RL2
Marking: RLB
LS = 1.4 nH
LS = 1.4 nH
LS = 0.4 nH
Innovation to Go
TM
Select Linear Products (indicated by
) now available for purchase online.
BUY
NOW
BUY
NOW


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn