Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SMP1320 Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part No. SMP1320
Description  Low Resistance, Low Capacitance, Plastic Packaged PIN Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SKYWORKS [Skyworks Solutions Inc.]
Homepage  http://www.skyworksinc.com
Logo 

SMP1320 Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DATA SHEET • SMP1320 SERIES
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200047 Rev. E • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • February 23, 2006
3
Capacitance vs. Reverse Voltage
Reverse Voltage (V)
0
0.1
0.2
0.3
0.4
0.5
0
1
2
5
10
20
50
1 MHz–1 GHz
0
500
1000
1500
2000
Conductance vs. Frequency
and Reverse Voltage
0
100
200
300
400
500
600
Frequency (MHz)
0 V
10 V
40 V
RS
RS
RS
RS
RS
IF
-55 °C
-15 °C
25 °C
65 °C
100 °C
(mA)
(
Ω)(Ω
Ω)(Ω
Ω)(Ω
Ω)(Ω
Ω)
0.02
29.6
29.2
30.8
32
32.7
0.1
7.2
7.7
8.3
8.8
8.8
0.3
3.4
3.6
3.8
4
4.1
0.5
2.5
2.7
2.8
2.9
3
1
1.7
1.8
1.9
2
1.9
10
0.84
0.85
0.76
0.76
0.67
20
0.73
0.73
0.64
0.64
0.56
100
0.59
0.57
0.47
0.48
0.4
Resistance vs. Temperature @ 500 MHz
SMP1320-007
In the -007 configuration of the SOT-23 package, the package induc-
tance is effectively reduced to 0.4 nH, in comparison to the 1.5 nH
value of the standard configuration. This lower inductance will be
particularly beneficial when the diodes are used as shunt connected
switches at frequencies higher than 500 MHz, where inductance is
the primary limitation on maximum switch isolation.
To achieve the effective 0.4 nH, the SOT-23 package must be
inserted in the microstrip circuit board with a gap in the trace, as
shown in the figure. Because of the polarity of the diode junction,
this low inductance feature is
realizable only with the cathode
connected to ground.
Ground
Gap
Recommended Solder Reflow Profiles
Refer to the “Recommended Solder Reflow Profile”
Application Note.
Tape and Reel Information
Refer to the “Discrete Devices and IC Switch/Attenuators
Tape and Reel Package Orientation” Application Note.


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn