Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SMP1304 Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part No. SMP1304
Description  Low-Distortion Attenuator Plastic Packaged PIN Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SKYWORKS [Skyworks Solutions Inc.]
Homepage  http://www.skyworksinc.com
Logo 

SMP1304 Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DATA SHEET • SMP1304 SERIES
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200044 Rev. C • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • February 23, 2006
3
Series Resistance vs. Current @ 100 MHz
0.01
0.1
1
10
100
Forward Current (mA)
0.1
1
10
100
1000
10000
0
1
2
5
10
20
100
50
Capacitance vs. Reverse Voltage
0
0.2
0.4
0.6
0.1
0.3
0.5
0.7
0.8
Reverse Voltage (V)
100 MHz
1 MHz
1 GHz
400
500
600
700
800
900
1000
DC Characteristic
0.01
0.1
1
10
100
Forward Voltage (mV)
0
500
1000
1500
2000
Conductance vs. Frequency
and Reverse Voltage
Frequency (MHz)
0
50
100
150
200
250
300
350
400
0 V
10 V
40 V
Typical Performance Data


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SMP1302Switch and Attenuator Plastic Packaged PIN Diodes 1 2 3 4 5 Skyworks Solutions Inc.
MADP-008120-12790TSurface Mount Plastic PIN Diodes 1 2 3 4 Tyco Electronics
SMPPSurface Mount Plastic PIN Diodes 1 2 3 4 5 MoreTyco Electronics
SMP1330Plastic Packaged Limiter Diodes 1 2 Skyworks Solutions Inc.
UM2100_05ATTENUATOR AND POWER PIN DIODES 2-30 MHz 1 2 3 4 5 MoreMicrosemi Corporation
MA4GP907GaAs Flip-Chip PIN Diodes 1 2 3 4 Tyco Electronics
PD7XX7InGaAs PIN PHOTO DIODES 1 2 3 Mitsubishi Electric Semiconductor
MA4P274-1225T_1Quad PIN Diode Attenuator 5 -3000 MHz 1 2 3 4 5 MoreTyco Electronics
MA4L_1Silicon PIN Limiter Diodes 1 2 3 4 5 MoreTyco Electronics
SM0502CERAMIC MELF PIN DIODES 1 2 Microsemi Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn