Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI8505-B-IM Datasheet(PDF) 5 Page - Silicon Laboratories

Part # SI8505-B-IM
Description  UNIDIRECTIONAL AC CURRENT SENSORS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8505-B-IM Datasheet(HTML) 5 Page - Silicon Laboratories

  SI8505-B-IM Datasheet HTML 1Page - Silicon Laboratories SI8505-B-IM Datasheet HTML 2Page - Silicon Laboratories SI8505-B-IM Datasheet HTML 3Page - Silicon Laboratories SI8505-B-IM Datasheet HTML 4Page - Silicon Laboratories SI8505-B-IM Datasheet HTML 5Page - Silicon Laboratories SI8505-B-IM Datasheet HTML 6Page - Silicon Laboratories SI8505-B-IM Datasheet HTML 7Page - Silicon Laboratories SI8505-B-IM Datasheet HTML 8Page - Silicon Laboratories SI8505-B-IM Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Si85xx
Preliminary Rev. 0.1
5
Measurement Error (%)—all devices
(–40 to 125 ºC Temp Range)
5 to 10% of full scale
–30
+30
%
10 to 20% of full scale
–25
+25
%
20 to 100% of full scale
–20
+20
%
Table 2. Absolute Maximum Ratings
Parameter
Symbol
Min
Typ
Max
Units
Storage temperature
TSTG
–65
+150
ºC
Ambient temperature under bias
TA
–40
+125
ºC
Supply voltage
VDD
5.75
V
Voltage on any pin with respect to ground
(not including IIN, IOUT)
VIN
–0.5
VDD + 0.5
V
Lead solder temperature (10 sec.)
-
260
ºC
DC isolation
-
1000
VDC
Note: Permanent device damage may occur if the above Absolute Maximum Ratings are exceeded. Functional operation
should be restricted to conditions as specified in the operational sections of this data sheet. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Table 1. Electrical Specifications (Continued)
TA = –40 to +85 ºC (typical specified at 25 ºC), VDD = 2.7 to 5.5 V
Parameter
Conditions
Min
Typ
Max
Unit


Similar Part No. - SI8505-B-IM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI8505-B-IM ETC2-SI8505-B-IM Datasheet
385Kb / 37P
   Si85XX UNIDIRECTIONAL AC CURRENT SENSORS
More results

Similar Description - SI8505-B-IM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI8513-C-IS ETC2-SI8513-C-IS Datasheet
385Kb / 37P
   Si85XX UNIDIRECTIONAL AC CURRENT SENSORS
logo
Copal Electronics
C-CT COPAL-C-CT Datasheet
282Kb / 2P
   AC CURRENT SENSORS
logo
TDK Electronics
CCT323047-100-16-00 TDK-CCT323047-100-16-00 Datasheet
158Kb / 2P
   Clamp AC Current Sensors
CCT272440-80-10-02 TDK-CCT272440-80-10-02 Datasheet
162Kb / 2P
   Clamp AC Current Sensors
CCT354571-300-24-00 TDK-CCT354571-300-24-00 Datasheet
145Kb / 2P
   Clamp AC Current Sensors
CCT406393-600-36-02 TDK-CCT406393-600-36-02 Datasheet
147Kb / 2P
   Clamp AC Current Sensors
CCT261631-30-06-02 TDK-CCT261631-30-06-02 Datasheet
160Kb / 2P
   Clamp AC Current Sensors
CCT272440-80-10-00 TDK-CCT272440-80-10-00 Datasheet
162Kb / 2P
   Clamp AC Current Sensors
CCT261631-30-06-00 TDK-CCT261631-30-06-00 Datasheet
158Kb / 2P
   Clamp AC Current Sensors
CCT323047-100-16-02 TDK-CCT323047-100-16-02 Datasheet
158Kb / 2P
   Clamp AC Current Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com