Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI2401 Datasheet(PDF) 4 Page - Silicon Laboratories

Part # SI2401
Description  V.22BIS ISOMODEM짰 WITH INTEGRATED GLOBAL DAA
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI2401 Datasheet(HTML) 4 Page - Silicon Laboratories

  SI2401 Datasheet HTML 1Page - Silicon Laboratories SI2401 Datasheet HTML 2Page - Silicon Laboratories SI2401 Datasheet HTML 3Page - Silicon Laboratories SI2401 Datasheet HTML 4Page - Silicon Laboratories SI2401 Datasheet HTML 5Page - Silicon Laboratories SI2401 Datasheet HTML 6Page - Silicon Laboratories SI2401 Datasheet HTML 7Page - Silicon Laboratories SI2401 Datasheet HTML 8Page - Silicon Laboratories SI2401 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 76 page
background image
Si2401
4
Rev. 1.0
1. Electrical Specifications
Table 1. Recommended Operating Conditions
Parameter1
Symbol
Test Condition
Min2
Typ
Max2
Unit
Ambient Temperature
TA
F-Grade
0
25
70
°C
Si2401 Supply Voltage, Digital3
VD
3.0
3.3
3.6
V
Notes:
1. The Si2401 specifications are guaranteed when the typical application circuit (including component tolerance) and Si2401
and Si3010 are used. See "2. Typical Application Schematic" on page 10.
2. All minimum and maximum specifications are guaranteed and apply across the recommended operating conditions. Typical
values apply at nominal supply voltages and an operating temperature of 25 °C unless otherwise stated.
3. The digital supply, VD, operates from 3.0 to 3.6 V. The Si2401 interface supports 5 V logic (CLKIN/XTALI supports 3.3 V
logic only).


Similar Part No. - SI2401

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI2401 ETC-SI2401 Datasheet
935Kb / 74P
   V.22BIS ISOMODEM WITH INTEGRATED GLOBAL DAA
logo
Silicon Laboratories
SI2401 SILABS-SI2401 Datasheet
874Kb / 72P
   V.22BIS ISOMODEM짰 WITH LOW-COST DAA
SI2401 SILABS-SI2401 Datasheet
751Kb / 72P
   V.22BIS ISOMODEM WITH LOW-COST DAA
logo
Skyworks Solutions Inc.
SI2401 SKYWORKS-SI2401 Datasheet
2Mb / 75P
   V.22BIS ISOMODEM® WITH INTEGRATED GLOBAL DAA
Revision 0.7 to Revision 0.9
logo
List of Unclassifed Man...
SI2401-FS ETC-SI2401-FS Datasheet
935Kb / 74P
   V.22BIS ISOMODEM WITH INTEGRATED GLOBAL DAA
More results

Similar Description - SI2401

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI2400 SILABS-SI2400 Datasheet
1Mb / 94P
   V.22BIS ISOMODEM짰 WITH INTEGRATED GLOBAL DAA
logo
List of Unclassifed Man...
SI2400 ETC-SI2400 Datasheet
1Mb / 76P
   V.22BIS ISOMODEM??WITH INTEGRATED GLOBAL DAA
SI2401 ETC-SI2401 Datasheet
935Kb / 74P
   V.22BIS ISOMODEM WITH INTEGRATED GLOBAL DAA
logo
Silicon Laboratories
SI3008 SILABS-SI3008 Datasheet
874Kb / 72P
   V.22BIS ISOMODEM짰 WITH LOW-COST DAA
logo
Skyworks Solutions Inc.
SI2401 SKYWORKS-SI2401 Datasheet
2Mb / 75P
   V.22BIS ISOMODEM® WITH INTEGRATED GLOBAL DAA
Revision 0.7 to Revision 0.9
logo
Silicon Laboratories
SI2456-FT SILABS-SI2456-FT Datasheet
829Kb / 74P
   V.90, V.34, V.32BIS ISOMODEM짰 CHIPSET WITH INTEGRATED GLOBAL DAA
SI2457 SILABS-SI2457 Datasheet
971Kb / 74P
   V.90, V.34, V.32BIS, V.22BIS ISOMODEM WITH GLOBAL DAA
logo
Skyworks Solutions Inc.
SI2457 SKYWORKS-SI2457 Datasheet
1,014Kb / 60P
   V.90, V.34, V.32BIS, V.22BIS ISOMODEM® WITH GLOBAL DAA
Rev. 1.3
logo
Silicon Laboratories
SI2401-FSR SILABS-SI2401-FSR Datasheet
751Kb / 72P
   V.22BIS ISOMODEM WITH LOW-COST DAA
SI2456 SILABS-SI2456 Datasheet
1Mb / 86P
   V.90, V.34, V.32BIS ISOMODEM??WITH INTEGRATED GLOBAL DAA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com