Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY77171 Datasheet(PDF) 5 Page - Skyworks Solutions Inc.

Part # SKY77171
Description  AutoSmart??Power Amplifier Module for WCDMA (1920-1980 MHz)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY77171 Datasheet(HTML) 5 Page - Skyworks Solutions Inc.

  SKY77171 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY77171 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY77171 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY77171 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY77171 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY77171 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY77171 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY77171 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY77171 Datasheet HTML 9Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
PA MODULE FOR WCDMA (1920-1980 MHZ)
SKY77171 • PRELIMINARY DATA SHEET
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200014P2 • Skyworks Proprietary and Confidential information. • Products and product information are subject to change without notice. • October 14, 2005
5
Package Dimensions and Pad Descriptions
The SKY77171 is a multi-layer laminate base, overmold
encapsulated modular package designed for surface mount solder
attachment to a printed circuit board. Figure 4 is a mechanical
drawing of the pad layout for this package. Figure 6 shows each
pad function and the pad numbering convention, which starts
with pad 1 in the upper left and increments counter-clockwise
around the package. Figure 7 illustrates typical case markings.
0.05 A B C
2X 0.575
0.1
METAL PAD EDGES
0.1
2X 0.4
0.1 A B C
SOLDER MASK EDGES
DETAIL
A
PAD
SCALE: 2X
1X THIS ROTATION
1X ROTATED 90˚ CW
1X ROTATED 90˚ CCW
1X ROTATED 180˚
PIN 1 INDICATOR
4B
C
0.1 A B C
4
TOP VIEW
B
4X 1.7
4X 0.85
(1.225)
(1.275)
(Ø0.3)
SOLDER MASK OPENING
(Ø0.15)
METAL PAD –
PIN 1 INDICATOR
A
SOLDER MASK OPENING
0.15 A B C
4X R0.2
2X 1.825
BOTTOM VIEW
2X 0.925
TOP SIDE
0.1
A
1.15 ±0.1
SIDE VIEW
2X 0.4
3X THIS ROTATION
3X ROTATED 180˚
METAL PAD EDGES
0.55
0.1
0.575
SOLDER MASK EDGES
0.1 A B C
DETAIL
B
PAD
SCALE: 2X
0.05 A B C
NOTES: Unless otherwise specified
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. DIMENSIONING AND TOLERANCING IN ACCORDANCE WITH ASME Y14.5M–1994.
3. SEE APPLICABLE BONDING DIAGRAM AND DEVICE ASSEMBLY DRAWING FOR DIE AND COMPONENT PLACEMENT.
4. PADS ARE METAL DEFINED; THE CENTER PAD IS SOLDER MASK DEFINED.
200014_004
Figure 4. SKY77171 Package Drawing


Similar Part No. - SKY77171

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY77173 SKYWORKS-SKY77173 Datasheet
46Kb / 2P
   AutoSmart Power Amplifier Module for WCDMA(1920-1980 MHz)
SKY77174 SKYWORKS-SKY77174 Datasheet
92Kb / 2P
   Power Amplifier Module for WCDMA/HSDPA(1920-1980 MHz)
SKY77175-13 SKYWORKS-SKY77175-13 Datasheet
78Kb / 2P
   Dual-Band PA Module for WCDMA / HSDPA Band II (1850-1910 MHz) and Band V (824-849 MHz)
SKY77176 SKYWORKS-SKY77176 Datasheet
276Kb / 11P
   AutoSmart Dual-Band Power Amplifier Module for CDMA/PCS(824-849 MHz and 1850-1910 MHz)
SKY77179 SKYWORKS-SKY77179 Datasheet
45Kb / 2P
   AutoSmart PA Module for WCDMA / HSDPA(824-849 MHz)
More results

Similar Description - SKY77171

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY77173 SKYWORKS-SKY77173 Datasheet
46Kb / 2P
   AutoSmart Power Amplifier Module for WCDMA(1920-1980 MHz)
logo
Fairchild Semiconductor
RMPA2263 FAIRCHILD-RMPA2263 Datasheet
135Kb / 7P
   WCDMA Power Amplifier Module 1920-1980 MHz
logo
Skyworks Solutions Inc.
SKY77185 SKYWORKS-SKY77185 Datasheet
68Kb / 2P
   Power Amplifier Module for WCDMA / HSDPA (1920-1980 MHz)
SKY77174 SKYWORKS-SKY77174 Datasheet
92Kb / 2P
   Power Amplifier Module for WCDMA/HSDPA(1920-1980 MHz)
SKY77186 SKYWORKS-SKY77186 Datasheet
69Kb / 2P
   Power Amplifier Module for WCDMA / HSDPA Band I (1920-1980 MHz)
SKY77701 SKYWORKS-SKY77701 Datasheet
74Kb / 2P
   Power Amplifier Module for CDMA / WCDMA / HSDPA / HSUPA / HSPA / LTE - Band I (1920-1980 MHz)
SKY77182 SKYWORKS-SKY77182_09 Datasheet
105Kb / 2P
   Power Amplifier Module for WCDMA / HSDPA(1920??980 MHz)
logo
Fairchild Semiconductor
RMPA2265 FAIRCHILD-RMPA2265 Datasheet
611Kb / 12P
   Dual Band WCDMA Power Amplifier Module 1850 to 1910 MHz and 1920 to 1980 MHz
logo
Skyworks Solutions Inc.
SKY77437 SKYWORKS-SKY77437 Datasheet
68Kb / 2P
   Front-End Module for WCDMA / HSDPA / HSUPA (TX 1920-1980 MHz), (RX 2110-2170 MHz)
SKY77433 SKYWORKS-SKY77433 Datasheet
370Kb / 11P
   Front-End Module for WCDMA / HSDPA / HSUPA (Tx 1920-1980 MHz), (Rx 2110-2170 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com