Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY77162 Datasheet(PDF) 11 Page - Skyworks Solutions Inc.

Part # SKY77162
Description  System Smart Power Amplifier Module for CDMA / AMPS (824-849 MHz)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY77162 Datasheet(HTML) 11 Page - Skyworks Solutions Inc.

Back Button SKY77162 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY77162 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY77162 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY77162 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY77162 Datasheet HTML 9Page - Skyworks Solutions Inc. SKY77162 Datasheet HTML 10Page - Skyworks Solutions Inc. SKY77162 Datasheet HTML 11Page - Skyworks Solutions Inc. SKY77162 Datasheet HTML 12Page - Skyworks Solutions Inc. SKY77162 Datasheet HTML 13Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
SYSTEM SMART® PAM FOR CDMA / AMPS (824–849 MHz)
DATA SHEET • SKY77162
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200005A2 • Skyworks Proprietary and Confidential information. • Products and product information are subject to change without notice. • May 2, 2006
11
VCC1
RF_IN
VCONT
VREF
GND
GND
RF_OUT
VCC2
200005_013
Pad layout as seen from top view looking through the package.
GROUND PAD is package underside.
1
2
3
4
5
6
7
8
GROUND PAD
Figure 13. SKY77162 Pad Configuration and Pad Names (Top
View)
200005_014
77162-N
NNNNN.N
YYWW MX
Revision
Number
Pin 1
Identifier
Lot Number
Country Code
Manufacturing
Part Number
Year
Manufactured
Week
Package
Sealed
Figure 14. Typical Case Markings
Package and Handling Information
Because of its sensitivity to moisture absorption, this device
package is baked and vacuum-packed prior to shipment.
Instructions on the shipping container label must be followed
regarding exposure to moisture after the container seal is broken,
otherwise, problems related to moisture absorption may occur
when the part is subjected to high temperature during solder
assembly.
The SKY77162 is capable of withstanding an MSL3/250 °C solder
reflow. Care must be taken when attaching this product, whether
it is done manually or in a production solder reflow environment.
If the part is attached in a reflow oven, the temperature ramp rate
should not exceed 3 °C per second; maximum temperature
should not exceed 250 °C. If the part is manually attached,
precaution should be taken to insure that the part is not subjected
to temperatures exceeding 250 °C for more than 10 seconds. For
details on both attachment techniques, precautions, and handling
procedures recommended by Skyworks, please refer to Skyworks
Application Note: PCB Design and SMT Assembly/Rework,
Document Number 101752. Additional information on standard
SMT reflow profiles can also be found in the JEDEC Standard
J-STD–020.
Production quantities of this product are shipped in the standard
tape-and-reel format. For packaging details, refer to Skyworks
Application Note: Tape and Reel – RF Modules, Document
Number 101568.
Electrostatic Discharge Sensitivity
The SKY77162 is a Class 2 device. Figure 15 lists the Electrostatic
Discharge (ESD) immunity level for each non-ground pad of the
SKY77162 product. The numbers in Figure 15 specify the ESD
threshold level for each pad where the I-V curve between the pad
and ground starts to show degradation.
The ESD testing was performed in compliance with
MIL-STD-883E Method 3015.7 using the Human Body Model. If
ESD damage threshold magnitude is found to consistently exceed
2000 volts on a given pad, this so is indicated. If ESD damage
threshold below 2000 volts is measured for either polarity,
numbers are indicated that represent worst case values observed
in product characterization.
Various failure criteria can be utilized when performing ESD
testing. Many vendors employ relaxed ESD failure standards,
which fail devices only after “the pad fails the electrical
specification limits” or “the pad becomes completely non-
functional”. Skyworks employs most stringent criteria and fails
devices as soon as the pad begins to show any degradation on a
curve tracer.
To avoid ESD damage, both latent and visible, it is very important
that the product assembly and test areas follow the Class-1 ESD
handling precautions listed in Table 4.
200005_014
VCC1
> + 2 kV
< – 2 kV
VCONT
> + 2 kV
< – 2 kV
VREF
> + 2 kV
< – 2 kV
RF_OUT
> + 2 kV
< – 2 kV
VCC2
> + 2 kV
< – 2 kV
RF_IN
> + 2 kV
< – 2 kV
1
2
3
4
5
6
7
8
GROUND PAD
Pad layout as seen from top view looking through the package.
Pad layout as seen from top view looking through the package.
GND
GND
Figure 15. ESD Sensitivity Areas (Top View)


Similar Part No. - SKY77162

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY77161 SKYWORKS-SKY77161 Datasheet
82Kb / 2P
   PA Module for TD-SCDMA (2010-2025 MHz)
SKY77163 SKYWORKS-SKY77163 Datasheet
45Kb / 2P
   AutoSmart PA Module for CDMA / AMPS (824-849 MHz)
SKY77166 SKYWORKS-SKY77166 Datasheet
385Kb / 9P
   Power Amplifier Module for CDMA2000 (450-460 MHz)
More results

Similar Description - SKY77162

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY77154 SKYWORKS-SKY77154 Datasheet
182Kb / 12P
   System Smart PA Module for CDMA / AMPS (824-849 MHz)
CX77105 SKYWORKS-CX77105 Datasheet
563Kb / 17P
   Power Amplifier Module for CDMA/AMPS (824-849 MHz)
CX77140 SKYWORKS-CX77140 Datasheet
665Kb / 13P
   PA Module for CDMA / AMPS (824-849 MHz)
logo
Tyco Electronics
MAAPSS0006 MACOM-MAAPSS0006 Datasheet
56Kb / 4P
   Cellular CDMA/AMPS Power Amplifier 824 - 849 MHz
logo
Skyworks Solutions Inc.
SKY77163 SKYWORKS-SKY77163 Datasheet
45Kb / 2P
   AutoSmart PA Module for CDMA / AMPS (824-849 MHz)
RM914 SKYWORKS-RM914 Datasheet
576Kb / 16P
   Power Amplifier Module for AMPS Applications (824-849 MHz)
logo
Synaptics Incorporated.
RM912 CONEXANT-RM912 Datasheet
457Kb / 20P
   CDMA/AMPS 3-4 Volt Power Amplifier (824-849 MHz)
logo
Skyworks Solutions Inc.
SKY77735 SKYWORKS-SKY77735 Datasheet
153Kb / 3P
   Power Amplifier Module for CDMA (824 MHz??49 MHz)
logo
AVAGO TECHNOLOGIES LIMI...
WS1102-TR1 AVAGO-WS1102-TR1 Datasheet
476Kb / 16P
   3 x 3 Power Amplifier Module for CDMA/AMPS (824??49 MHz)
logo
Skyworks Solutions Inc.
SKY77176 SKYWORKS-SKY77176 Datasheet
276Kb / 11P
   AutoSmart Dual-Band Power Amplifier Module for CDMA/PCS(824-849 MHz and 1850-1910 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com