Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY77162 Datasheet(PDF) 6 Page - Skyworks Solutions Inc.

Part # SKY77162
Description  System Smart Power Amplifier Module for CDMA / AMPS (824-849 MHz)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY77162 Datasheet(HTML) 6 Page - Skyworks Solutions Inc.

Back Button SKY77162 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY77162 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY77162 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY77162 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY77162 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY77162 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY77162 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY77162 Datasheet HTML 9Page - Skyworks Solutions Inc. SKY77162 Datasheet HTML 10Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
DATA SHEET • SKY77162
SYSTEM SMART® PAM FOR CDMA / AMPS (824–849 MHz)
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
6
May 2, 2006 • Skyworks Proprietary and Confidential Information. • Products and product information are subject to change without notice. • 200005A
35
39
43
47
51
55
59
63
67
02
468
10
12
14
16
18
20
22
24
26
28
30
32
POUT (dBm)
200005_005
VCONT = 1.8 V VCONT = 2.0 V
Figure 5. Adjacent Channel Power Ratio 1 vs. Output Power
54
58
62
66
70
74
78
82
86
0
2
4
6
8
10
1214
16
182022
2426
28
30
32
POUT (dBm)
200005_006
VCONT = 1.8 V VCONT = 2.0 V
Figure 6. Adjacent Channel Power Ratio 2 vs. Output Power
Legend
824.0 MHz @ –30 ˚C
836.5 MHz @ –30 ˚C
849.0 MHz @ –30 ˚C
836.5 MHz @ +25 ˚C
824.0 MHz @ +25
824.0 MHz @ +25 ˚C
849.0 MHz @ +25
849.0 MHz @ +25 ˚C
824.0 MHz @ +85 ˚C
836.5 MHz @ +85 ˚C
849.0 MHz @ +85 ˚C


Similar Part No. - SKY77162

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY77161 SKYWORKS-SKY77161 Datasheet
82Kb / 2P
   PA Module for TD-SCDMA (2010-2025 MHz)
SKY77163 SKYWORKS-SKY77163 Datasheet
45Kb / 2P
   AutoSmart PA Module for CDMA / AMPS (824-849 MHz)
SKY77166 SKYWORKS-SKY77166 Datasheet
385Kb / 9P
   Power Amplifier Module for CDMA2000 (450-460 MHz)
More results

Similar Description - SKY77162

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY77154 SKYWORKS-SKY77154 Datasheet
182Kb / 12P
   System Smart PA Module for CDMA / AMPS (824-849 MHz)
CX77105 SKYWORKS-CX77105 Datasheet
563Kb / 17P
   Power Amplifier Module for CDMA/AMPS (824-849 MHz)
CX77140 SKYWORKS-CX77140 Datasheet
665Kb / 13P
   PA Module for CDMA / AMPS (824-849 MHz)
logo
Tyco Electronics
MAAPSS0006 MACOM-MAAPSS0006 Datasheet
56Kb / 4P
   Cellular CDMA/AMPS Power Amplifier 824 - 849 MHz
logo
Skyworks Solutions Inc.
SKY77163 SKYWORKS-SKY77163 Datasheet
45Kb / 2P
   AutoSmart PA Module for CDMA / AMPS (824-849 MHz)
RM914 SKYWORKS-RM914 Datasheet
576Kb / 16P
   Power Amplifier Module for AMPS Applications (824-849 MHz)
logo
Synaptics Incorporated.
RM912 CONEXANT-RM912 Datasheet
457Kb / 20P
   CDMA/AMPS 3-4 Volt Power Amplifier (824-849 MHz)
logo
Skyworks Solutions Inc.
SKY77735 SKYWORKS-SKY77735 Datasheet
153Kb / 3P
   Power Amplifier Module for CDMA (824 MHz??49 MHz)
logo
AVAGO TECHNOLOGIES LIMI...
WS1102-TR1 AVAGO-WS1102-TR1 Datasheet
476Kb / 16P
   3 x 3 Power Amplifier Module for CDMA/AMPS (824??49 MHz)
logo
Skyworks Solutions Inc.
SKY77176 SKYWORKS-SKY77176 Datasheet
276Kb / 11P
   AutoSmart Dual-Band Power Amplifier Module for CDMA/PCS(824-849 MHz and 1850-1910 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com