Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTV09A-2225S-B102 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PTV09A-2225S-B102
Description  9 mm Potentiometer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PTV09A-2225S-B102 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PTV09A-2225S-B102 Datasheet HTML 1Page - Bourns Electronic Solutions PTV09A-2225S-B102 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PTV09 Series - 9 mm Potentiometer
Features
Carbon element
Insulated shaft
Snap-in clip
Center detent option
RoHS compliant*
Applications
Audio/TV sets
Car radio
Amplifiers/mixers/drum machines/
synthesizers
PCs/monitors
Appliances
Electrical Characteristics
Taper ....................................Linear, audio
Standard Resistance Range
........................1 K ohms to 1 M ohms
Standard Resistance Tolerance ....±20 %
Residual Resistance
......................500 ohms or ±1 % max.
Environmental Characteristics
Operating Temperature
..................................-10 °C to +50 °C
Power Rating
(Linear and Audio) ................0.05 watt
Maximum Operating Voltage
(Linear and Audio)......20 VDC, 50 VAC
Sliding Noise ......................100 mV max.
Mechanical Characteristics
Mechanical Angle ....................280 ° ±5 °
Rotational Torque ............10 to 100 g-cm
Detent Torque ..................40 to 200 g-cm
Stop Strength......................2 kg-cm min.
Rotational Life ....................10,000 cycles
Soldering Condition
............300 °C max. within 3 seconds
Hardware ..............No hardware supplied
How To Order
PTV09A - 2 0 20 F - B 203
Model
Terminal Configuration
(Pin Layout)
• 2 = PC Pins Vertical/
Down Facing
• 4 = PC Pins Horizontal/
Rear Facing
Option
• 0 = No Detent
• 2 = Center
Standard Shaft Length
• 15 = 15 mm
• 20 = 20 mm
• 25 = 25 mm
• 30 = 30 mm
Shaft Style
• F = Flat Type Insulated Shaft
• S = Insulated Knurled (24 Teeth)*
• U = Insulated Knurled (40 Teeth)
Resistance Taper
• A = Audio Taper
• B = Linear Taper
Resistance Code (See Table)
Other styles available.
*Available in 20 mm or 25 mm shaft lengths only.
Product Dimensions
2 PLCS.
RECOMMENDED PCB LAYOUT
PTV09A-2 (with shaft style F)
F
40 °
3 PLCS.
3 PLCS.
SHAFT SHOWN IN CCW POSITION
10.0
(.393)
6.0
+0
-0.1
(.236
)
+0
-0.0003
4.5
(.177
)
+0
-0.0003
+0
-0.1
3.5
(.137)
3.8
(.149)
2.0
(.078)
3.3
(.129)
2.6
(.102)
0.8
(.031)
6.8
(.267)
9.8
(.385)
5.5
(.216)
0.8
(.031)
5.0
(.196)
7.4
(.291)
1.8
+0.2
-0.0
(.070
)
+0.0007
-0.0
2 PLCS.
2.1
+0.2
-0.0
(.082
)
+0.0007
-0.0
8.2
(.322)
5.0
(.196)
1.0
+0.2
-0.0
(.039
)
+0.0007
-0.0
3.3
(.129)
L ±
0.5
(.019)
C0.5
RECOMMENDED PCB LAYOUT
PTV09A-4 (with shaft style F)
F
L ±
40 °
SHAFT SHOWN IN CCW POSITION
6.0
+0
-0.1
(.236
)
+0
-0.0003
4.5
(.177
)
+0
-0.0003
+0
-0.1
0.8
(.031)
6.8
(.267)
3.5
(.137)
3.8
(.149)
2.0
(.078)
7.0
(.275)
9.8
(.385)
5.5
(.216)
5.0
(.196)
11.4
(.448)
2 PLCS.
3 PLCS.
1.8
+0.2
-0.0
(.070
)
+0.0007
-0.0
2 PLCS.
2.1
+0.2
-0.0
(.082
)
+0.0007
-0.0
1.0
+0.2
-0.0
(.039
)
+0.0007
-0.0
10.6
(.417)
5.0
(.196)
7.0
(.275)
0.5
(.019)
F-Type Shaft
L
15
(.591)
6
(.236)
20
(.787)
7
(.275)
30
(1.181)
12
(.472)
25
(.984)
12
(.472)
F
DIMENSIONS ARE:
MM
(INCHES)
Standard Resistance Table
Resistance
Resistance
(Ohms)
Code
1,000
102
2,000
202
5,000
502
10,000
103
20,000
203
50,000
503
100,000
104
200,000
204
500,000
504
1,000,000
105
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.


Similar Part No. - PTV09A-2225S-B102

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTV09A-2225S-B203 BOURNS-PTV09A-2225S-B203 Datasheet
1Mb / 4P
   9 mm Potentiometer
More results

Similar Description - PTV09A-2225S-B102

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTV09 BOURNS-PTV09_13 Datasheet
1Mb / 4P
   9 mm Potentiometer
PTD90 BOURNS-PTD90 Datasheet
423Kb / 3P
   9 mm Multi-Ganged Potentiometer
PTD90 BOURNS-PTD90_14 Datasheet
505Kb / 3P
   9 mm Multi-Ganged Potentiometer
logo
Vishay Siliconix
P9 VISHAY-P9_17 Datasheet
236Kb / 9P
   9 mm Multi-Ganged Potentiometer
Revision: 04-Jul-17
P9A1R100FIRX1103MA VISHAY-P9A1R100FIRX1103MA Datasheet
216Kb / 8P
   9 mm Multi-Ganged Potentiometer
Revision: 26-Nov-07
P9A1R100FIRX1103MA VISHAY-P9A1R100FIRX1103MA Datasheet
223Kb / 9P
   9 mm Multi-Ganged Potentiometer
01-Jan-2022
logo
Bourns Electronic Solut...
3319 BOURNS-3319 Datasheet
109Kb / 2P
   9 mm Round Trimming Potentiometer
PTV09A-4020F BOURNS-PTV09A-4020F Datasheet
1Mb / 5P
   PTV09 Series - 9 mm Potentiometer
3309 BOURNS-3309_1 Datasheet
95Kb / 1P
   3309 - 9 mm Round Trimming Potentiometer
3319 BOURNS-3319_13 Datasheet
188Kb / 1P
   9 mm Round Trimpot Trimming Potentiometer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com