Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C8051T604 Datasheet(PDF) 9 Page - Silicon Laboratories

Part # C8051T604
Description  Mixed Signal OTP EPROM MCU Family
Download  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051T604 Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button C8051T604 Datasheet HTML 5Page - Silicon Laboratories C8051T604 Datasheet HTML 6Page - Silicon Laboratories C8051T604 Datasheet HTML 7Page - Silicon Laboratories C8051T604 Datasheet HTML 8Page - Silicon Laboratories C8051T604 Datasheet HTML 9Page - Silicon Laboratories C8051T604 Datasheet HTML 10Page - Silicon Laboratories C8051T604 Datasheet HTML 11Page - Silicon Laboratories C8051T604 Datasheet HTML 12Page - Silicon Laboratories C8051T604 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 168 page
background image
Rev. 0.5
9
C8051T600/1/2/3/4/5
List of Tables
1. System Overview
Table 1.1. Product Selection Guide ......................................................................... 14
2. Absolute Maximum Ratings
Table 2.1. Absolute Maximum Ratings .................................................................... 23
3. Global Electrical Characteristics
Table 3.1. Global DC Electrical Characteristics ....................................................... 24
Table 3.2. Index to Electrical Characteristics Tables ............................................... 25
4. Pinout and Package Definitions
Table 4.1. Pin Definitions for the C8051T600/1/2/3/4/5 ........................................... 26
Table 4.2. QFN-11 Package Dimensions ................................................................ 28
Table 4.3. SOIC-14 Package Dimensions ............................................................... 30
5. ADC0 - 10-Bit SAR ADC (C8051T600/2/4 Only)
Table 5.1. ADC0 Electrical Characteristics .............................................................. 44
6. Voltage Reference Options
Table 6.1. External Voltage Reference Circuit Electrical Characteristics ................ 46
7. Comparator0
Table 7.1. Comparator0 Electrical Characteristics .................................................. 52
8. Voltage Regulator (REG0)
Table 8.1. Internal Voltage Regulator Electrical Characteristics ............................. 54
9. CIP-51 Microcontroller
Table 9.1. CIP-51 Instruction Set Summary ............................................................ 57
Table 9.2. Special Function Register (SFR) Memory Map ...................................... 64
Table 9.3. Special Function Registers ..................................................................... 65
Table 9.4. Interrupt Summary .................................................................................. 72
10. Reset Sources
Table 10.1. User Code Space Address Limits ......................................................... 84
Table 10.2. Reset Electrical Characteristics ............................................................ 86
11. One-Time Programmable Read-Only Memory
Table 11.1. EPROM Electrical Characteristics ........................................................ 87
Table 11.2. Security Byte Decoding ........................................................................ 88
12. Oscillators
Table 12.1. Internal Oscillator Electrical Characteristics ......................................... 92
13. Port Input/Output
Table 13.1. Port I/O DC Electrical Characteristics ................................................. 104
14. SMBus
Table 14.1. SMBus Clock Source Selection .......................................................... 110
Table 14.2. Minimum SDA Setup and Hold Times ................................................ 111
Table 14.3. Sources for Hardware Changes to SMB0CN ..................................... 115
Table 14.4. SMBus Status Decoding ..................................................................... 121
15. UART0
Table 15.1. Timer Settings for Standard Baud Rates Using
the Internal 24.5 MHz Oscillator ......................................................... 130


Similar Part No. - C8051T604

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051T604 SILABS-C8051T604 Datasheet
902Kb / 188P
   Mixed-Signal Byte-Programmable EPROM MCU
C8051T604-GM SILABS-C8051T604-GM Datasheet
902Kb / 188P
   Mixed-Signal Byte-Programmable EPROM MCU
C8051T604-GS SILABS-C8051T604-GS Datasheet
902Kb / 188P
   Mixed-Signal Byte-Programmable EPROM MCU
More results

Similar Description - C8051T604

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051T630 SILABS-C8051T630 Datasheet
1Mb / 221P
   Mixed-Signal Byte-Programmable EPROM MCU
C8051T610 SILABS-C8051T610_11 Datasheet
1Mb / 219P
   Mixed-Signal Byte-Programmable EPROM MCU
C8051T600 SILABS-C8051T600_09 Datasheet
902Kb / 188P
   Mixed-Signal Byte-Programmable EPROM MCU
C8051F336 SILABS-C8051F336_08 Datasheet
1Mb / 227P
   Mixed-Signal Byte-Programmable EPROM MCU
C8051T610 SILABS-C8051T610_V01 Datasheet
4Mb / 218P
   Mixed-Signal Byte-Programmable EPROM MCU
Rev 1.1
C8051F330 SILABS-C8051F330_07 Datasheet
2Mb / 216P
   Mixed Signal ISP Flash MCU Family
C8051F120-GQR SILABS-C8051F120-GQR Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
logo
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
   Mixed Signal ISP Flash MCU Family
logo
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
   Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
   Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com