Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY73001 Datasheet(PDF) 5 Page - Skyworks Solutions Inc.

Part # SKY73001
Description  2 - 3500 MHz Direct Conversion Mixer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY73001 Datasheet(HTML) 5 Page - Skyworks Solutions Inc.

  SKY73001 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY73001 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY73001 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY73001 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY73001 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY73001 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY73001 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY73001 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY73001 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
DATA SHEET • SKY73001 DIRECT CONVERSION MIXER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
101907E • Skyworks Proprietary and Confidential information • Products and Product Information are Subject to Change Without Notice • March 15, 2006
5
Evaluation Board Description
The SKY73001 Evaluation Board is used to test the performance
of the SKY73001 direct conversion mixer. An Evaluation Board
schematic diagram (500-2500 MHz) is shown in Figure 8.
Evaluation Board assembly diagrams are shown in Figure 9
(2-2500 MHz) and Figure 10 (3200-3500 MHz). Bills of Material
(BOMs) are provided in Table 5 (2-500 MHz and 500-2500 MHz)
and Table 6 (3200-3500 MHz).
Circuit Design Configurations
The following design considerations are general in nature and
must be followed regardless of final use or configuration.
1. Paths to ground should be made as short as possible.
2. The ground pad of the SKY73001 direct conversion mixer has
special electrical and thermal grounding requirements. This
pad is the main thermal conduit for heat dissipation. Since the
circuit board acts as the heat sink, it must shunt as much
heat as possible from the mixer. As such, design the
connection to the ground pad to dissipate the maximum
wattage produced to the circuit board. Multiple vias to the
grounding layer are required.
3. Two external output bypass capacitors are required on the
VCC pins. The values of these capacitors will change with
respect to the desired RF frequency. One capacitor should be
used for low frequency bypassing and the other capacitor for
high frequency bypassing. Special attention should be given
so that the smaller value capacitor does not go into self-
resonance at the desired RF frequency.
4. Wire wound balanced transformers (baluns) were used during
the test and characterization of the SKY73001. Ceramic
baluns can be used to create the differential input signals (i.e.,
RF and LO). However, their performance will limit the overall
system performance of the SKY73001.
Testing Procedure
Use the following procedure to set up the SKY73001 Evaluation
Board for testing. Refer to Figure 11 for guidance:
1. Connect a +3.0 VDC power supply using an insulated supply
cable. If available, enable the current limiting function of the
power supply to 100 mA.
2. Connect a signal generator to the RF signal input port. Set it to
the desired RF frequency at a power level of 0 dBm to the
Evaluation Board but do NOT enable the RF signal.
3. Connect a signal generator to the LOQ signal input port. Set to
the desired LO frequency at a power level of 0 dBm, but do
not enable.
4. Connect a spectrum analyzer to the IFQ signal output port and
terminate the IFI signal input port in 50
Ω.
5. Enable the power supply.
6. Enable the LO input signal.
7. Enable the RF signal.
8. Take measurements and repeat these steps for channel I.
CAUTION: If any of the input signals exceed the rated maximum
values, the SKY73001 Evaluation Board can be
permanently damaged.
Package and Handling Information
Since the device package is sensitive to moisture absorption, it is
baked and vacuum packed before shipping. Instructions on the
shipping container label regarding exposure to moisture after the
container seal is broken must be followed. Otherwise, problems
related to moisture absorption may occur when the part is
subjected to high temperature during solder assembly.
The SKY73001 is rated to Moisture Sensitivity Level 3 (MSL3) at
260
°C. It can be used for lead or lead-free soldering. For
additional information, refer to the Skyworks Application Note,
PCB Design & SMT Assembly/Rework Guidelines for RFLGA
Packages, document number 103147.
Care must be taken when attaching this product, whether it is
done manually or in a production solder reflow environment.
Production quantities of this product are shipped in a standard
tape and reel format. For packaging details, refer to the Skyworks
Application Note, Tape and Reel, document number 101568.
Electrostatic Discharge (ESD) Sensitivity
The SKY73001 is a static-sensitive electronic device. Do not
operate or store near strong electrostatic fields. Take proper ESD
precautions.


Similar Part No. - SKY73001

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY73001 SKYWORKS-SKY73001 Datasheet
194Kb / 9P
   2 - 3500 MHz Direct Conversion Mixer
SKY73001-11 SKYWORKS-SKY73001-11 Datasheet
194Kb / 9P
   2 - 3500 MHz Direct Conversion Mixer
More results

Similar Description - SKY73001

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY73001 SKYWORKS-SKY73001 Datasheet
194Kb / 9P
   2 - 3500 MHz Direct Conversion Mixer
logo
Panasonic Semiconductor
AN6454SH PANASONIC-AN6454SH Datasheet
35Kb / 4P
   Pager Direct Conversion FSK Demodulator Mixer IC
logo
SYNERGY MICROWAVE CORPO...
SMD-3500 SYNERGY-SMD-3500 Datasheet
244Kb / 2P
   TRIPLE BALANCED MIXER WIDE BANDWIDTH 1-3500 MHz
logo
Tyco Electronics
ESMD-169 MACOM-ESMD-169 Datasheet
57Kb / 1P
   E-Series Surface Mount Mixer 1 - 3500 MHz
MA4EXP400H-1277T MACOM-MA4EXP400H-1277T Datasheet
213Kb / 5P
   Silicon Double Balanced HMICTM Mixer, 3500 - 4500 MHz
logo
M/A-COM Technology Solu...
MD-189 MA-COM-MD-189 Datasheet
91Kb / 3P
   High Level Termination Insensitive Mixer, 1 - 3500 MHz
logo
Tyco Electronics
MDS-189 MACOM-MDS-189 Datasheet
222Kb / 3P
   High Level Termination Insensitive Mixer, 1 - 3500 MHz
MD-M189 MACOM-MD-M189 Datasheet
155Kb / 3P
   High Level Termination Insensitive Mixer, 1 - 3500 MHz
logo
List of Unclassifed Man...
5504DCR ETC1-5504DCR Datasheet
145Kb / 11P
   Direct Conversion Receiver
logo
Asahi Kasei Microsystem...
AK2401A AKM-AK2401A Datasheet
864Kb / 21P
   Direct Conversion Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com