Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD74LVC14BFPEL Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RD74LVC14BFPEL
Description  Hex Schmitt-trigger Inverters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RD74LVC14BFPEL Datasheet(HTML) 4 Page - Renesas Technology Corp

  RD74LVC14BFPEL Datasheet HTML 1Page - Renesas Technology Corp RD74LVC14BFPEL Datasheet HTML 2Page - Renesas Technology Corp RD74LVC14BFPEL Datasheet HTML 3Page - Renesas Technology Corp RD74LVC14BFPEL Datasheet HTML 4Page - Renesas Technology Corp RD74LVC14BFPEL Datasheet HTML 5Page - Renesas Technology Corp RD74LVC14BFPEL Datasheet HTML 6Page - Renesas Technology Corp RD74LVC14BFPEL Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
RD74LVC14B
Rev.1.00, Apr.09.2004, page 4 of 6
Switching Characteristics
Ta = –40 to 85°C
Item
Symbol
VCC (V)
Min
Typ
Max
Unit
From
(Input)
To
(Output)
1.8±0.15
1.0
11.0
2.5±0.2
1.0
7.8
2.7
1.0
7.5
3.3±0.3
1.0
6.4
Propagation delay time
tPLH
tPHL
5.0±0.5
1.0
6.0
ns
A
Y
1.8±0.15
2.5±0.2
2.7
3.3±0.3
1.0
Between output pins skew*
1
tOSLH
tOSHL
5.0±0.5
1.0
ns
Input capacitance
CIN
3.3
5.0
pF
Note:
1. This parameter is characterized but not tested.
tOSLH = | tPLHm – tPLHn|, tOSHL = | tPHLm – tPHLn|
Operating Characteristics
Ta = 25°C
Item
Symbol
VCC (V)
Min
Typ
Max
Unit
Test conditions
1.8
16
2.5
18
3.3
20
Power dissipation
Capacitance
CPD
5.0
25
pF
f = 10 MHz


Similar Part No. - RD74LVC14BFPEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD74LVC14BFPEL RENESAS-RD74LVC14BFPEL Datasheet
64Kb / 7P
   Hex Schmitt-trigger Inverters
RD74LVC14BFPEL RENESAS-RD74LVC14BFPEL Datasheet
88Kb / 9P
   Hex Schmitt-trigger Inverters
More results

Similar Description - RD74LVC14BFPEL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV14A TI-SN54LV14A Datasheet
647Kb / 16P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74LVC14 HITACHI-HD74LVC14 Datasheet
36Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Renesas Technology Corp
HD74LVC14 RENESAS-HD74LVC14 Datasheet
193Kb / 6P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54HC14 TI-SN54HC14 Datasheet
77Kb / 15P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74AHC14 UTC-U74AHC14_15 Datasheet
182Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74HC14FH HITACHI-HD74HC14FH Datasheet
44Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54LV14 TI-SN54LV14 Datasheet
117Kb / 6P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_08 Datasheet
686Kb / 19P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_07 Datasheet
562Kb / 20P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74LVC14A UTC-U74LVC14A Datasheet
170Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com