Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RBU406M Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # RBU406M
Description  SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Ampere
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

RBU406M Datasheet(HTML) 2 Page - Rectron Semiconductor

  RBU406M Datasheet HTML 1Page - Rectron Semiconductor RBU406M Datasheet HTML 2Page - Rectron Semiconductor RBU406M Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
INSTANTANEOUS FORWARD VOLTAGE, (V)
PERCENT RATED PEAK REVERSE VOLTAGE, (%)
TEMPERATURE, (
OC)
0
1.0
4.0
0.1
0.4
10
40
0
1.0
2.0
3.0
4.0
2.0
1.5
0.5
1.0
3.0
2.5
3.5
150
100
50
0
0
20
1.0
0.1
10
100
1000
120
100
40
60
80
140
RATING AND CHARACTERISTICS CURVES ( RBU401M THRU RBU407M )
FIG.3 TYPICAL REVERSE CHARACTERISTICS
FIG.1 DERATING CURVE OUTPUT
RECTIFIED CURRENT
FIG.2 TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
NUMBER OF CYCLES AT 60Hz
1
0
120
160
200
40
80
240
5
2
10
20
50
100
FIG.4 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
P.C.B. Mounted,TA
0.47x0.47" (12x12mm) Copper Pads
0.375" (9.5mm) Lead Length
60Hz Resistive or Inductive Load
Heatsink Mounting, TC
1.6x1.6x0.06" Thk
(4.0x4.0x.15cm) AL.Plate
TA = 100 OC
TA = 25 OC
8.3mS Single Half Sine-Wave
JEDEC Method
TA = 25 OC
Pulse Width = 300mS
1% Duty Cycle
50~400V
600~1000V
REVERSE VOLTAGE, (V)
0.1
10
100
1000
10
1
100
FIG.5 TYPICAL JUNCTION CAPACITANCE
PER LEG
t, HEATING TIME (sec.)
0.01
0.1
10
100
1
1
0.1
10
100
FIG.6 TYPICAL TRANSIENT THERMA
IMPEDANCE


Similar Part No. - RBU406M

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RBU406M RECTRON-RBU406M Datasheet
188Kb / 5P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
More results

Similar Description - RBU406M

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RS401L RECTRON-RS401L Datasheet
22Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Ampere)
RS401M RECTRON-RS401M Datasheet
24Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Ampere)
MSB407S RECTRON-MSB407S Datasheet
135Kb / 6P
   VOLTAGE RANGE 1000 Volts CURRENT 4.0 Ampere SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
2019-07 REV:D
MDA970G1 RECTRON-MDA970G1 Datasheet
22Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Amperes)
MDA970G1 RECTRON-MDA970G1_07 Datasheet
236Kb / 3P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Amperes
RBU401M RECTRON-RBU401M_10 Datasheet
243Kb / 6P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Amperes
KBL401 RECTRON-KBL401 Datasheet
125Kb / 5P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Amperes
2020-04/10 REV:A
logo
Kingtronics Internation...
KBL4005-KBL410 KINGTRONICS-KBL4005-KBL410_16 Datasheet
334Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Ampere
logo
Rectron Semiconductor
MDA100G RECTRON-MDA100G Datasheet
21Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
RS101 RECTRON-RS101 Datasheet
21Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com