Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCT-315-AS Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # RCT-315-AS
Description  Low-Cost SAW-stabilized surface mountOOK RF transmitter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RCT-315-AS Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  RCT-315-AS Datasheet HTML 1Page - List of Unclassifed Manufacturers RCT-315-AS Datasheet HTML 2Page - List of Unclassifed Manufacturers RCT-315-AS Datasheet HTML 3Page - List of Unclassifed Manufacturers RCT-315-AS Datasheet HTML 4Page - List of Unclassifed Manufacturers RCT-315-AS Datasheet HTML 5Page - List of Unclassifed Manufacturers RCT-315-AS Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
RCT-XXX-AS
Low-Cost SAW-stabilized surface mount OOK RF transmitter
© 2001,2002,2003 All Rights Reserved
The output of the oscillator is derived directly from the collector of the oscillator transistor. It is,
therefore, very sensitive to VSWR. The module is designed to work with a 50 ohm load, which
exhibits a VSWR of 1. The designer must ensure that the antenna exhibits no more than a
VSWR of 2 to guarantee operation. This is particularly true for PCB trace antennas. If the
module does not appear to have any output at the antenna port, it is likely that the antenna does
not meet this requirement.
TROUBLESHOOTING HINT:
If the module appears to have no output at the antenna port, try the following: disconnect the
antenna and put a 1000pF cap in series with a 51 ohm resistor to ground. This will ensure that
the transmitter is properly loaded. Then look at the output with a scope and you should see the
oscillator working. If it is working, the antenna is not properly tuned and that is the reason that
the module is not working properly. If not, then check the power supply and data input for proper
voltage levels.
Data Rate
The oscillator start-up time is on the order of 40uSec, which limits the maximum data rate to 4.8
kbit/sec.
TROUBLESHOOTING HINT:
If the module appears to have a good output, but your data rate is corrupted, that could be a sign
that the start-up time of the oscillator is too long. The load on the antenna affects oscillator start-
up time. To determine the start-up time of the oscillator, use a 2 channel digital storage
oscilloscope. Attach channel 1 to the data input and channel 2 to the antenna output (don’t
worry, it won’t affect the antenna VSWR). Trigger the scope on a rising edge on channel 1. Now,
toggle the data pin from low to high and capture the resulting waveform. You should see a
square edge on channel 1 and the oscillator ring-up on channel 2. Measure the time between the
rising edge on channel 1 and when the oscillator waveform is at its full voltage swing, and you
have the start-up time. To determine if the antenna is the problem, remove it and place a 1000pF
cap in series with a 51-ohm resistor to ground and repeat the test. If the start-up time is correct
with the test load, the problem is the antenna.
Power Supply
The RCT-433-AS is designed to operate from a 1.5 -12V power supply. It is crucial that this
power supply be very quiet. The power supply should be bypassed using a 0.01uF low-ESR
ceramic capacitor and a 4.7uF ceramic capacitor. These capacitors should be placed as close to
the power pins as possible.
Antenna Output
Pin 1 is a 50 ohm antenna output. It will support most antenna types, including printed antennas
integrated directly onto the PCB. The performance of the different antennas varies. There are
many good application notes available that describe external and PCB trace antennas. We
maintain a list in the technical support section of our website.
DESIGN HINT “Antenna traces”:
Any time a trace is longer than 1/8
th the wavelength of the frequency it is carrying, it should be a
50 ohm micro strip. This ensures that a proper match is maintained between the transmitter
output and the antenna.
- 4 -
8/21/2003


Similar Part No. - RCT-315-AS

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RCT-0C MACOM-RCT-0C Datasheet
87Kb / 1P
   SMD Circuit Probe Pad
RCT-0D MACOM-RCT-0D Datasheet
87Kb / 1P
   SMD Circuit Probe Pad
More results

Similar Description - RCT-315-AS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2550 TI-CC2550_11 Datasheet
740Kb / 59P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transmitter
CC2550RSTR TI1-CC2550RSTR Datasheet
1Mb / 61P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transmitter
CC2550 TI-CC2550 Datasheet
882Kb / 50P
[Old version datasheet]   Single Chip Low Cost Low Power RF-Transmitter
CC2550 TI-CC2550_06 Datasheet
672Kb / 55P
[Old version datasheet]   Single Chip Low Cost Low Power RF Transmitter
CC2550 TI1-CC2550_13 Datasheet
1Mb / 61P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transmitter
CC1150 TI-CC1150 Datasheet
594Kb / 50P
[Old version datasheet]   Single Chip Low Cost Low Power RF-Transmitter
logo
List of Unclassifed Man...
SEM104PT100 ETC2-SEM104PT100 Datasheet
92Kb / 2P
   LOW COST TEMPERATURE TRANSMITTER
logo
Semtech Corporation
SX1240 SEMTECH-SX1240 Datasheet
548Kb / 20P
   Low Cost Integrated Transmitter IC 434 MHz and 868 MHz Band RF Transmitter
logo
HOPE Microelectronics C...
RF68 HOPE-RF68 Datasheet
778Kb / 21P
   Low Cost Integrated Transmitter IC
RFM68W HOPE-RFM68W Datasheet
793Kb / 20P
   Low Cost ISM Transmitter Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com