Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM009 Datasheet(PDF) 7 Page - Skyworks Solutions Inc.

Part # RM009
Description  Power Amplifier Module for Dual-band GSM900 DCS1800
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

RM009 Datasheet(HTML) 7 Page - Skyworks Solutions Inc.

Back Button RM009 Datasheet HTML 3Page - Skyworks Solutions Inc. RM009 Datasheet HTML 4Page - Skyworks Solutions Inc. RM009 Datasheet HTML 5Page - Skyworks Solutions Inc. RM009 Datasheet HTML 6Page - Skyworks Solutions Inc. RM009 Datasheet HTML 7Page - Skyworks Solutions Inc. RM009 Datasheet HTML 8Page - Skyworks Solutions Inc. RM009 Datasheet HTML 9Page - Skyworks Solutions Inc. RM009 Datasheet HTML 10Page - Skyworks Solutions Inc. RM009 Datasheet HTML 11Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
RM009
Package and Handling Information
Power Amplifier Module for Dual-band GSM900 DCS1800 Applications
101258B
Skyworks Solutions, Inc. Proprietary
7
July 26, 2002
Package and Handling Information
Because of its sensitivity to moisture absorption, this device package is baked and vacuum packed
prior to shipment. Instructions on the shipping container label must be followed regarding
exposure to moisture after the container seal is broken, otherwise, problems related to moisture
absorption may occur when the part is subjected to high temperature during solder assembly.
The RM009 is capable of withstanding an MSL 3/240 °C solder reflow. Care must be taken when
attaching this product, whether it is done manually or in a production solder reflow environment. If
the part is attached in a reflow oven, the temperature ramp rate should not exceed 5 °C per second;
maximum temperature should not exceed 240 °C. If the part is manually attached, precaution
should be taken to insure that the part is not subjected to temperatures exceeding 240 °C for more
than 10 seconds.
For details on both attachment techniques, precautions, and handling procedures recommended by
Skyworks, please refer to Application Note: PCB Design and SMT Assembly/Rework, Document
Number 101752. Additional information on standard SMT reflow profiles can also be found in the
JEDEC Standard J–STD–020A.
-
Figure 4. Typical Case Markings
101258_006
RM009-NN
NXXXXX.XX
YYWW MEX
Manufacturing Part Number–Revision Number
Lot Number
YY = Manufacture Year
WW = Week Package Sealed
MEXICO = Country Code
Mark Pin 1
Identifier
SKYWORKS


Similar Part No. - RM009

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RM0004 STMICROELECTRONICS-RM0004 Datasheet
7Mb / 1176P
   Programmer?셲 reference manual for Book E processors
RM0008 STMICROELECTRONICS-RM0008 Datasheet
12Mb / 1134P
   STM32F101xx, STM32F102xx, STM32F103xx, STM32F105xx and STM32F107xx advanced Arm-based 32-bit MCUs
December 2018 Rev 20
RM0016 STMICROELECTRONICS-RM0016 Datasheet
9Mb / 467P
   STM8S Series and STM8AF Series 8-bit microcontrollers
October 2017 Rev 14
RM0017 STMICROELECTRONICS-RM0017 Datasheet
6Mb / 904P
   The SPC560Bx and SPC560Cx is a new family
RM0020 STMICROELECTRONICS-RM0020 Datasheet
759Kb / 69P
   SPC56xx DSP function library 2
More results

Similar Description - RM009

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3283 RFMD-RF3283 Datasheet
296Kb / 16P
   DUAL-BAND GSM900/DCS1800 TRANSMIT MODULE
RF4180 RFMD-RF4180 Datasheet
124Kb / 2P
   DUAL-BAND GSM900/DCS1800 TRANSMIT MODULE
logo
Sony Corporation
CXG1047FN SONY-CXG1047FN Datasheet
104Kb / 9P
   Dual-Band 3V Power Amplifier for GSM900/DCS1800 Applications
logo
Skyworks Solutions Inc.
RM008 SKYWORKS-RM008 Datasheet
507Kb / 12P
   PA Module for Dual-band GSM900 and DCS1800 Applications
logo
Hitachi Semiconductor
PF08103A HITACHI-PF08103A Datasheet
42Kb / 8P
   MOS FET Power Amplifier Module for E-GSM900 and DCS1800 Dual Band Handy Phone
PF08103B HITACHI-PF08103B Datasheet
34Kb / 7P
   MOS FET Power Amplifier Module for E-GSM900 and DCS1800 Dual Band Handy Phone
logo
National Semiconductor ...
LMX2604 NSC-LMX2604 Datasheet
268Kb / 14P
   Triple-band VCO for GSM900/DCS1800/PCS1900
logo
NXP Semiconductors
BGY282 PHILIPS-BGY282 Datasheet
386Kb / 12P
   dual band UHF amplifier module for GSM900 and GSM1800
2001 Dec 04
logo
Maxim Integrated Produc...
MAX2651 MAXIM-MAX2651 Datasheet
466Kb / 16P
   GSM900 and DCS1800/PCS1900 Dual-Band, Low-Noise Amplifiers
19-1506; Rev 1; 10/99
logo
RF Micro Devices
RF3198 RFMD-RF3198 Datasheet
333Kb / 16P
   DUAL-BAND GSM900/DCS POWER AMP MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com