Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC96V24DP Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # RC96V24DP
Description  Single Device Data/Fax Modem Data Pump
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RC96V24DP Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  RC96V24DP Datasheet HTML 1Page - List of Unclassifed Manufacturers RC96V24DP Datasheet HTML 2Page - List of Unclassifed Manufacturers RC96V24DP Datasheet HTML 3Page - List of Unclassifed Manufacturers RC96V24DP Datasheet HTML 4Page - List of Unclassifed Manufacturers RC96V24DP Datasheet HTML 5Page - List of Unclassifed Manufacturers RC96V24DP Datasheet HTML 6Page - List of Unclassifed Manufacturers RC96V24DP Datasheet HTML 7Page - List of Unclassifed Manufacturers RC96V24DP Datasheet HTML 8Page - List of Unclassifed Manufacturers RC96V24DP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
RC96V24DP
1.0 Functional Description
Single Device Data/Modem Data Pump
1.2 Technical Specifications
D96V24DSA
1-3
1.2.4.6 Receive Level
The receiver satisfies performance requirements for a received line signal from
-9 dBm to -43 dBm. The default RLSD turn-on and RLSD turn-off thresholds are
-43 dBm and -48 dBm, respectively. The RLSD threshold levels are
programmable in DSP RAM.
1.2.4.7 Receiver Timing
The modem can track a frequency error up to ±0.03% in the associated transmit
timing source.
1.2.4.8 Carrier
Recovery
The modem can track a frequency offset up to ±7 Hz in the received carrier with
less than a 0.2 dB degradation in bit error rate (BER).


Similar Part No. - RC96V24DP

ManufacturerPart #DatasheetDescription
logo
Soshin electric Co., Lt...
RC9129ZZ SOSHIN-RC9129ZZ Datasheet
183Kb / 2P
   Ferrite core with U-shape metal fitting for installation
logo
Wall Industries,Inc.
RC9D12-100NH WALL-RC9D12-100NH Datasheet
505Kb / 6P
   1 Watt DC/DC Power Converters
RC9D12-112NH WALL-RC9D12-112NH Datasheet
505Kb / 6P
   1 Watt DC/DC Power Converters
RC9D12-150NH WALL-RC9D12-150NH Datasheet
505Kb / 6P
   1 Watt DC/DC Power Converters
RC9D12-200NH WALL-RC9D12-200NH Datasheet
505Kb / 6P
   1 Watt DC/DC Power Converters
More results

Similar Description - RC96V24DP

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC89210 SANYO-LC89210 Datasheet
199Kb / 10P
   High-speed fax modem data pump
logo
STMicroelectronics
ST75C520 STMICROELECTRONICS-ST75C520 Datasheet
382Kb / 45P
   HIGH SPEED FAX MODEM DATA PUMP
logo
List of Unclassifed Man...
RCV336DPI ETC1-RCV336DPI Datasheet
992Kb / 14P
   V.34 Data V.17 Fax, Modem Data Pump
RCV336DPEL ETC1-RCV336DPEL Datasheet
1Mb / 17P
   V.34 Data V.17 Fax, AudioSpan, Voice, Speakerphone, Modem Data Pump
logo
PHOENIX CONTACT
100500 PHOENIX-100500 Datasheet
323Kb / 7P
   PSI-DATA/FAX-MODEM/RS232
logo
OKI electronic componet...
MSM7564-01 OKI-MSM7564-01 Datasheet
198Kb / 28P
   A Single Chip 14.4 kbps Data & Fax Modem
logo
List of Unclassifed Man...
DM336P ETC-DM336P Datasheet
341Kb / 40P
   V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set
DM560P ETC1-DM560P Datasheet
242Kb / 43P
   V.90 Integrated Data/Fax/Voice/Speakerphone Modem Device Set
logo
CML Microcircuits
FX949 CMLMICRO-FX949 Datasheet
624Kb / 25P
   CDPD Wireless Modem Data Pump
logo
List of Unclassifed Man...
XE3386L ETC-XE3386L Datasheet
58Kb / 16P
   Compact 33,600 BPS Data and Fax Modem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com