Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R2051 Datasheet(PDF) 48 Page - RICOH electronics devices division

Part # R2051
Description  2 wire interface Real-Time Clock ICs with Battery Backup switch-over Function
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R2051 Datasheet(HTML) 48 Page - RICOH electronics devices division

Back Button R2051 Datasheet HTML 44Page - RICOH electronics devices division R2051 Datasheet HTML 45Page - RICOH electronics devices division R2051 Datasheet HTML 46Page - RICOH electronics devices division R2051 Datasheet HTML 47Page - RICOH electronics devices division R2051 Datasheet HTML 48Page - RICOH electronics devices division R2051 Datasheet HTML 49Page - RICOH electronics devices division R2051 Datasheet HTML 50Page - RICOH electronics devices division R2051 Datasheet HTML 51Page - RICOH electronics devices division R2051 Datasheet HTML 52Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 58 page
background image
R2051 Series
48
Typical Applications
Typical Power Circuit Configurations
VDD
VSB
VCC
VSS
0.1
µF
CPU Power
Supply
The case of back-up by
primary battery
CR2025
etc.
VSB
VDD
VCC
VSS
0.1
µF
CPU power
supply
ML614
etc.
The case of back-up by
capacitor or secondary battery
(Charging voltage is equal to CPU
power supply voltage)
VSB
VDD
VCC
VSS
0.1
µF
CPU power
supply
(3V)
5V
Double layer
capacitor
etc.
The case of back-up by
capacitor or secondary battery
(Charging voltage is not equal to
CPU power supply voltage)
VDD pin cannot be connected to any additional heavy load components such as SRAM.
And VDD pin must be
connected C2, and C2 should be over 0.1
µF.
VDD
CPU power supply
VCC
VSB
C3
VOLTAGE
DETECTOR
SW1
SW2
C2
R1
CPU
Vbat
-VDET1
Rcpu
R2051 Series
When secondary battery or double layer capacitor connects to VDD pin, after CPU power supply turning off,
secondary battery discharges through the root above figure.
If R1 is much smaller than CPU impedance (Rcpu),
VCC voltage keeps higher than -VDET1, and SW1 keeps on.
Therefore R1 must be specified by following formula.
R1 > Rcpu x (Vbat - (-VDET1)) / (-VDET1)
R1 is specified by back-up battery or double layer capacitor, too.
Please check the data sheet for back-up
devices.


Similar Part No. - R2051

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R2051S01-E2-F RICOH-R2051S01-E2-F Datasheet
739Kb / 49P
   High precision I2C-Bus Real-Time Clock Module
R2051S02-E2-F RICOH-R2051S02-E2-F Datasheet
739Kb / 49P
   High precision I2 C-Bus Real-Time Clock Module
More results

Similar Description - R2051

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R2061K RICOH-R2061K Datasheet
723Kb / 56P
   wire interface Real-Time Clock ICs with Battery Backup switch-over Function
R2061L01-E2 RICOH-R2061L01-E2 Datasheet
613Kb / 60P
   3 Wire Interface Real-Time Clock ICs with Battery Backup Switch-Over Function
R2062 RICOH-R2062 Datasheet
706Kb / 55P
   3 wire interface Real-Time Clock ICs with Battery Backup switch-over Function
logo
Intersil Corporation
ISL12008 INTERSIL-ISL12008 Datasheet
293Kb / 19P
   I2C Real Time Clock with Battery Backup
logo
RICOH electronics devic...
R2033K RICOH-R2033K Datasheet
582Kb / 50P
   3 wire interface Real-Time Clock ICs
RV5C338A RICOH-RV5C338A Datasheet
440Kb / 52P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RS5C348A RICOH-RS5C348A Datasheet
452Kb / 53P
   4-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RS5C338A RICOH-RS5C338A Datasheet
578Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A Datasheet
363Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com