Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R2051 Datasheet(PDF) 45 Page - RICOH electronics devices division

Part # R2051
Description  2 wire interface Real-Time Clock ICs with Battery Backup switch-over Function
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R2051 Datasheet(HTML) 45 Page - RICOH electronics devices division

Back Button R2051 Datasheet HTML 41Page - RICOH electronics devices division R2051 Datasheet HTML 42Page - RICOH electronics devices division R2051 Datasheet HTML 43Page - RICOH electronics devices division R2051 Datasheet HTML 44Page - RICOH electronics devices division R2051 Datasheet HTML 45Page - RICOH electronics devices division R2051 Datasheet HTML 46Page - RICOH electronics devices division R2051 Datasheet HTML 47Page - RICOH electronics devices division R2051 Datasheet HTML 48Page - RICOH electronics devices division R2051 Datasheet HTML 49Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 58 page
background image
R2051 Series
45
Alarm and Periodic Interrupt
The R2051 incorporates the alarm interrupt circuit and the periodic interrupt circuit that are configured to
generate alarm signals and periodic interrupt signals for output from the INTR
pin as described below.
R2051Txx has these functions registers, but does not have the INTR output pin.
(1) Alarm Interrupt Circuit
The alarm interrupt circuit is configured to generate alarm signals for output from the INTR , which is driven low
(enabled) upon the occurrence of a match between current time read by the time counters (the day-of-week, hour,
and minute counters) and alarm time preset by the alarm registers (the Alarm_W registers intended for the
day-of-week, hour, and minute digit settings and the Alarm_D registers intended for the hour and minute digit
settings).
(2) Periodic Interrupt Circuit
The periodic interrupt circuit is configured to generate either clock pulses in the pulse mode or interrupt signals in
the level mode for output from the INTR pin depending on the CT2, CT1, and CT0 bit settings in the control
register 1.
The above two types of interrupt signals are monitored by the flag bits (i.e. the WAFG, DAFG, and CTFG bits in
the Control Register 2) and enabled or disabled by the enable bits (i.e. the WALE, DALE, CT2, CT1, and CT0 bits
in the Control Register 1) as listed in the table below.
Flag bits
Enable bits
Alarm_W
WAFG
(D1 at Address Fh)
WALE
(D7 at Address Eh)
Alarm_D
DAFG
(D0 at Address Fh)
DALE
(D6 at Address Eh)
Peridic interrupt
CTFG
(D2 at Address Fh)
CT2=CT1=CT0=0
(These bit setting of “0” disable the Periodic Interrupt)
(D2 to D0 at Address Eh)
*
At power-on, when the WALE, DALE, CT2, CT1, and CT0 bits are set to 0 in the Control Register 1,
the INTR pin is driven high (disabled).
*
When two types of interrupt signals are output simultaneously from the INTR pin, the output from the
INTR pin becomes an OR waveform of their negative logic.
Example: Combined Output to /INTR Pin Under Control of
ALARM_D and Periodic Interrupt
Periodic Interrupt
INTR
Alarm_D
In this event, which type of interrupt signal is output from the INTR pin can be confirmed by reading the
DAFG, and CTFG bit settings in the Control Register 2.
Alarm Interrupt
The alarm interrupt circuit is controlled by the enable bits (i.e. the WALE and DALE bits in the Control Register 1)
and the flag bits (i.e. the WAFG and DAFG bits in the Control Register 2).
The enable bits can be used to enable
this circuit when set to 1 and to disable it when set to 0.
When intended for reading, the flag bits can be used to
monitor alarm interrupt signals.
When intended for writing, the flag bits will cause no event when set to 1 and will


Similar Part No. - R2051

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R2051S01-E2-F RICOH-R2051S01-E2-F Datasheet
739Kb / 49P
   High precision I2C-Bus Real-Time Clock Module
R2051S02-E2-F RICOH-R2051S02-E2-F Datasheet
739Kb / 49P
   High precision I2 C-Bus Real-Time Clock Module
More results

Similar Description - R2051

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R2061K RICOH-R2061K Datasheet
723Kb / 56P
   wire interface Real-Time Clock ICs with Battery Backup switch-over Function
R2061L01-E2 RICOH-R2061L01-E2 Datasheet
613Kb / 60P
   3 Wire Interface Real-Time Clock ICs with Battery Backup Switch-Over Function
R2062 RICOH-R2062 Datasheet
706Kb / 55P
   3 wire interface Real-Time Clock ICs with Battery Backup switch-over Function
logo
Intersil Corporation
ISL12008 INTERSIL-ISL12008 Datasheet
293Kb / 19P
   I2C Real Time Clock with Battery Backup
logo
RICOH electronics devic...
R2033K RICOH-R2033K Datasheet
582Kb / 50P
   3 wire interface Real-Time Clock ICs
RV5C338A RICOH-RV5C338A Datasheet
440Kb / 52P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RS5C348A RICOH-RS5C348A Datasheet
452Kb / 53P
   4-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RS5C338A RICOH-RS5C338A Datasheet
578Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A Datasheet
363Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com