Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CX74001 Datasheet(PDF) 12 Page - Skyworks Solutions Inc.

Part # CX74001
Description  Rx ASIC for CDMA, AMPS, and PCS Applications
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

CX74001 Datasheet(HTML) 12 Page - Skyworks Solutions Inc.

Back Button CX74001 Datasheet HTML 8Page - Skyworks Solutions Inc. CX74001 Datasheet HTML 9Page - Skyworks Solutions Inc. CX74001 Datasheet HTML 10Page - Skyworks Solutions Inc. CX74001 Datasheet HTML 11Page - Skyworks Solutions Inc. CX74001 Datasheet HTML 12Page - Skyworks Solutions Inc. CX74001 Datasheet HTML 13Page - Skyworks Solutions Inc. CX74001 Datasheet HTML 14Page - Skyworks Solutions Inc. CX74001 Datasheet HTML 15Page - Skyworks Solutions Inc. CX74001 Datasheet HTML 16Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
CX74001
Rx ASIC for CDMA, AMPS, and PCS Applications
12
Skyworks
101134A
Proprietary Information and Specifications are Subject to Change
March 5, 2002
Table 8. Logic Control for LNA Gain Step
LNA_CTRL0
LNA_CTRL1
AMPS
CELL CDMA
PCS CDMA
0
0
HIGH
HIGH
HIGH
1
0
MEDIUM (Note 1)
MEDIUM
BYPASS
0
1
BYPASS (Note 1)
BYPASS
HIGH
1
1
BYPASS (Note 1)
BYPASS
BYPASS
Key: 0 = Low, OFF
1 = High, ON
X = Do not care
Note 1: These modes are available but not used to meet the IS-98 Specifications.
8
9
10
11
12
13
14
15
16
17
18
2.5
2.6
2.7
2.8
2.9
3
3.1
3.2
3.3
3.4
3.5
Vcc (V)
-30 deg C
25 deg C
85 deg C
Figure 3. PCS LNA Gain at 1960 MHz
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
2.5
2.6
2.7
2.8
2.9
3
3.1
3.2
3.3
3.4
3.5
Vcc (V)
-30 deg C
25 deg C
85 deg C
Figure 5. PCS LNA IIP3 at 1960 MHz
0
0.5
1
1.5
2
2.5
3
2.5
2.6
2.7
2.8
2.9
3
3.1
3.2
3.3
3.4
3.5
Vcc (V)
-30 deg C
25 deg C
85 deg C
Figure 4. PCS LNA NF at 1960 MHz
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
2.5
2.6
2.7
2.8
2.9
3
3.1
3.2
3.3
3.4
3.5
Vcc (V)
-30 deg C
25 deg C
85 deg C
Figure 6. PCS LNA Gain at 1960 MHz(Bypass Mode)


Similar Part No. - CX74001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CX74002 ETC-CX74002 Datasheet
204Kb / 2P
   Silicon Germanium CDMA Transmit/Dual PLL RFlC
logo
Skyworks Solutions Inc.
CX74005 SKYWORKS-CX74005 Datasheet
349Kb / 14P
   VGA I/Q Demodulator Rx ASIC for Portable Phone Applications
More results

Similar Description - CX74001

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
CX74061 SKYWORKS-CX74061 Datasheet
580Kb / 2P
   Rx ASIC for CDMA, AMPS, PCS, and GPS Mobile Handset Applications
SKY74693 SKYWORKS-SKY74693 Datasheet
58Kb / 2P
   Receiver for CDMA, AMPS, PCS, and GPS Mobile Handset Applications
logo
New Japan Radio
NSVS735 NJRC-NSVS735 Datasheet
139Kb / 5P
   AMPS RX PCS(USA) RX
logo
Infineon Technologies A...
NWR190 INFINEON-NWR190 Datasheet
241Kb / 7P
   CDMA RX BAW-filter for PCS Band
V 2.2 12. Dec. 2003
logo
Skyworks Solutions Inc.
SKY74067-21 SKYWORKS-SKY74067-21 Datasheet
184Kb / 10P
   Dual-Band CDMA2000 Transmitter for Cellular CDMA and PCS Femtocell Applications
logo
New Japan Radio
NJG1712KC1 NJRC-NJG1712KC1 Datasheet
529Kb / 18P
   CDMA/AMPS RX FRONT-END GaAs MMIC
logo
Zarlink Semiconductor I...
MGCT04 ZARLINK-MGCT04 Datasheet
343Kb / 12P
   Transmit Circuit for TDMA/AMPS and CDMA/AMPS
logo
Skyworks Solutions Inc.
CX74005 SKYWORKS-CX74005 Datasheet
349Kb / 14P
   VGA I/Q Demodulator Rx ASIC for Portable Phone Applications
logo
Transko Electronics, In...
TF-8011-ND TRANSKO-TF-8011-ND Datasheet
378Kb / 3P
   Low-loss RF SAW filter for AMPS, CDMA, and TDMA applications
TF-8010-ND TRANSKO-TF-8010-ND Datasheet
375Kb / 3P
   Low-loss RF SAW filter for AMPS, CDMA, and TDMA applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com