Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTV111-4220A-A104 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # PTV111-4220A-A104
Description  11mm Potentiometer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PTV111-4220A-A104 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  PTV111-4220A-A104 Datasheet HTML 1Page - Bourns Electronic Solutions PTV111-4220A-A104 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
S ecifications are s bject to change itho t notice
227
PTV111/PTT111 - 11mm Potentiometer
Product Dimensions
PTV111-1
DIA. HOLES 4 PLCS.
RECOMMENDED PCB LAYOUT
SHAFT SHOWN IN CCW POSITION
1.0
+0.2
-0.0
(.039
)
+0.007
-0.0
3.3
(.129)
7.5
(.295)
2.5
(.098)
2.1
+0.1
-0.0
(.082
)
+0.003
-0.0
1
2
3
4
10.2
(.401)
2.0
+0.1
-0.0
(.078
)
+0.003
-0.0
L
F
M9x0.75
0.5
(.019)
1.5
(.059)
0.5
(.019)
4.5
(.177
)
+0
-0.019
+0
-0.5
6.0
(.236
)
+0
-0.019
+0
-0.5
10.0
(.393)
5.0
(.196)
7.5
(.295)
2.6
(.102)
2.0
(.078)
3.5
(.137)
3.3
(.129)
3.2
(.125)
30
°
6.7
(.263)
12.0
(.472)
8.0
+0.0
-0.2
(.314
)
+0.0
-0.0007
5.4
(.212)
8.0
(.315)
10.9
(.429)
1.6
(.062)
9.4
(.370)
0.8
+0.1
-0.1
(.031
)
+0.003
-0.003
PTV111-3
L
F
M9x0.75
5.0
(.196)
7.5
(.295)
10.0
(.393)
2.0
(.078)
0.5
(.019)
0.5
(.019)
1.5
(.059)
4.5
(.177
)
+0
-0.019
+0
-0.5
6.0
(.236
)
+0
-0.019
+0
-0.5
3.5
(.137)
3.2
(.125)
RECOMMENDED PCB LAYOUT
SHAFT SHOWN IN CCW POSITION
30
°
6.7
(.263)
8.0
+0.0
-0.2
(.314
)
+0.0
-0.0007
5.4
(.212)
8.0
(.315)
10.9
(.429)
12.0
(.472)
11.0
(.433)
TERMINAL DETAIL
0.8
+0.1
-0.1
(.031
)
+0.003
-0.003
DIA. HOLES 4 PLCS.
1.0
+0.2
-0.0
(.039
)
+0.007
-0.0
7.5
(.295)
2.5
(.098)
2.1
+0.1
-0.0
(.082
)
+0.003
-0.0
1
2
3
4
13.0
(.511)
2.0 -0.0
(.078
)
+0.003
-0.0
11.0
(.433)
How To Order
PTV111 - 2 4 20 A - B 104
Model
(See Diagrams)
• PTV111 Standard
• PTT111 With Tap
Pin Style
PC Pins vertical/
Down Facing:
• 1 = With Bushing
• 2 = No Bushing
PC Pins horizontal/
Rear Facing:
• 3 = With Bushing
• 4 = No Bushing
Center Detent Option
• 4 = No Detent
• 2 = Center Detent
Standard Shaft Length
• 15 = 15mm
• 20 = 20mm
• 25 = 25mm
Shaft Styles
• A = Flat Type Insulated Shaft
Resistance Taper
• A = Audio Taper
• B = Linear Taper
Resistance Code (See Table)
Other styles available.
Standard Resistance Table
Resistance
Resistance
(Ohms)
Code
1,000
102
2,000
202
5,000
502
10,000
103
20,000
203
50,000
503
100,000
104
200,000
204
500,000
504
1,000,000
105
L
15
20
(.590)
(.787)
F
7
12
(.275)
(.472)
Dimensions With Bushing


Similar Part No. - PTV111-4220A-A104

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTV111-4220A-A1102 BOURNS-PTV111-4220A-A1102 Datasheet
298Kb / 3P
   12 mm Potentiometer
PTV111-4220A-A1202 BOURNS-PTV111-4220A-A1202 Datasheet
298Kb / 3P
   12 mm Potentiometer
PTV111-4220A-A1502 BOURNS-PTV111-4220A-A1502 Datasheet
298Kb / 3P
   12 mm Potentiometer
More results

Similar Description - PTV111-4220A-A104

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
11VR CTS-11VR Datasheet
1Mb / 8P
   11mm Panel Potentiometer
logo
Bi technologies
P110KV BITECH-P110KV_12 Datasheet
92Kb / 5P
   11mm Rotary Potentiometer
logo
List of Unclassifed Man...
RK117 ETC1-RK117 Datasheet
128Kb / 5P
   11mm Size Metal Shaft Low-profile Potentiometer
logo
Bi technologies
P110KV BITECH-P110KV Datasheet
366Kb / 4P
   11mm Rotary Potentiometer Insulated Shaft Conductive Plastic Element With / Without Bushing RoHS Compliant
logo
Tyco Electronics
DP11 MACOM-DP11 Datasheet
243Kb / 3P
   11mm Rotary Encoder
logo
ALPS ELECTRIC CO.,LTD.
RK11K ALPS-RK11K_15 Datasheet
782Kb / 6P
   A 11mm wide potentiometer for audio, visual, electronic musical instruments and various applications
logo
Kingbright Corporation
AA1114-2PBCA-CC KINGBRIGHT-AA1114-2PBCA-CC Datasheet
127Kb / 4P
   11mm x 1.4mm BACKLIGHT
logo
SunLED Corporation
ZVG66W SUNLED-ZVG66W Datasheet
174Kb / 4P
   11mm x 1.4mm BACKLIGHT
logo
Bi technologies
EN11 BITECH-EN11_12 Datasheet
133Kb / 4P
   11mm Rotary Encoder
logo
HARTING Technology Grou...
09-00-000-5358 HARTING-09-00-000-5358 Datasheet
457Kb / 2P
   Kabeldurchf체hrungst체lle 10-11mm
2021-10-01
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com