Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PS51259-A Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part No. PS51259-A
Description  Single phase AC input, DC output IGBT/FWD converter
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

PS51259-A Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MITSUBISHI SEMICONDUCTOR <Intelligent Power Module>
PS51259-A
TRANSFER-MOLD TYPE
INSULATED TYPE
Mar. 2003
Vrms
V
V/
µs
kHz
V
V
Supply voltage
Control supply voltage
Control supply variation
PWM input frequency
Input ON threshold voltage
Input OFF threshold voltage
Applied between : S-R
Applied between : VD-GND
TC
≤ 100°C, Tj ≤ 125°C
Applied between : VIN-GND
264
16.5
1
Vi
VD
∆VD
fPWM
VIN(on)
VIN(off)
Condition
Symbol
Parameter
Limits
Min.
Typ.
Max.
90
13.5
–1
Unit
RECOMMENDED OPERATION CONDITIONS
15.0
20
4.0~VD
0~1.0
Note 3: Measurement point of heat-sink flatness
Mounting screw : M4
(Note 3)
Condition
Parameter
Limits
Mounting torque
Weight
Heat-sink flatness
Min.
MECHANICAL CHARACTERISTICS AND RATINGS
Typ.
Max.
0.98
–50
Unit
1.18
54
1.47
100
N·m
g
µm
Symbol
+
+
Measurement point
Heat sink
Place to contact
a heat sink
Heat sink
3mm


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn