Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM807 Datasheet(PDF) 5 Page - Skyworks Solutions Inc.

Part # RM807
Description  Power Amplifier Module for TDMA PCS (1850-1910 MHz)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

RM807 Datasheet(HTML) 5 Page - Skyworks Solutions Inc.

  RM807 Datasheet HTML 1Page - Skyworks Solutions Inc. RM807 Datasheet HTML 2Page - Skyworks Solutions Inc. RM807 Datasheet HTML 3Page - Skyworks Solutions Inc. RM807 Datasheet HTML 4Page - Skyworks Solutions Inc. RM807 Datasheet HTML 5Page - Skyworks Solutions Inc. RM807 Datasheet HTML 6Page - Skyworks Solutions Inc. RM807 Datasheet HTML 7Page - Skyworks Solutions Inc. RM807 Datasheet HTML 8Page - Skyworks Solutions Inc. RM807 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
RM807
Characterization Data
Power Amplifier Module for TDMA PCS (1850–1910 MHz)
100409F
Skyworks
5
February 7, 2002
Characterization Data
The following charts illustrate the characteristics of a typical RM807 Power Amplifier tested in the
evaluation board described in the following section. The amplifier was selected by characterizing a
group of devices and choosing a part with average electrical performance at both nominal and
worst case conditions. Figures 1 through 5 illustrate the digital signal characteristics of the RM807.
Figure 1. Digital Gain vs. Output Power
10
15
20
25
30
35
40
0
5
10
15
20
25
30
Output Pow er (dBm )
Vref = 3.1V, Vcc = 3.5V
1850 MHz @-30 C
1850 MHz @+85 C
1850 MHz @+25 C
1880 MHz @-30 C
1880 MHz @+85 C
1880 MHz @+25 C
1910 MHz @-30 C
1910 MHz @+85 C
1910 MHz @+25 C


Similar Part No. - RM807

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
RM800A EDI-RM800A Datasheet
54Kb / 2P
   HIGH VOLTAGE HIGH CURRENT MINIATURE RECTIFIERS
RM800B EDI-RM800B Datasheet
54Kb / 2P
   HIGH VOLTAGE HIGH CURRENT MINIATURE RECTIFIERS
logo
Mitsubishi Electric Sem...
RM800DG-90F MITSUBISHI-RM800DG-90F Datasheet
563Kb / 5P
   HIGH VOLTAGE DIODE MODULES
logo
List of Unclassifed Man...
RM805 ETC-RM805 Datasheet
226Kb / 10P
   POWER AMPLIFIER MODULE FOR BROADBAND
RM805-17 ETC-RM805-17 Datasheet
226Kb / 10P
   POWER AMPLIFIER MODULE FOR BROADBAND
More results

Similar Description - RM807

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
CX77112 SKYWORKS-CX77112 Datasheet
838Kb / 14P
   PA Module for CDMA PCS (1850-1910 MHz)
SKY77418 SKYWORKS-SKY77418 Datasheet
44Kb / 2P
   LIPA Module for CDMA / PCS (1850-1910 MHz)
SKY77149 SKYWORKS-SKY77149_06 Datasheet
185Kb / 13P
   PA Module for CDMA / PCS (1850-1910 MHz)
CX77107 SKYWORKS-CX77107 Datasheet
297Kb / 14P
   PA Module for CDMA / PCS (1850-1910 MHz)
logo
Tyco Electronics
MAAPSS0003 MACOM-MAAPSS0003 Datasheet
37Kb / 3P
   PCS TDMA/CDMA Power Amplifier 1750 - 1910 MHz
logo
Skyworks Solutions Inc.
SKY77149 SKYWORKS-SKY77149 Datasheet
71Kb / 2P
   System Smart??PA Module for CDMA / PCS (1850-1910 MHz)
logo
Tyco Electronics
PA1133 MACOM-PA1133 Datasheet
162Kb / 1P
   1850-1910 MHz,Linear Power Amplifier
logo
Skyworks Solutions Inc.
SKY77176 SKYWORKS-SKY77176 Datasheet
276Kb / 11P
   AutoSmart Dual-Band Power Amplifier Module for CDMA/PCS(824-849 MHz and 1850-1910 MHz)
SKY77732 SKYWORKS-SKY77732 Datasheet
155Kb / 3P
   Power Amplifier Module for CDMA PCS (1850 MHz??910 MHz)
SKY77702 SKYWORKS-SKY77702 Datasheet
76Kb / 2P
   Power Amplifier Module for WCDMA / HSDPA / HSUPA / HSPA / LTE - Band II (1850-1910 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com