Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTH12030L Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # PTH12030L
Description  26-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH12030L Datasheet(HTML) 11 Page - Texas Instruments

Back Button PTH12030L Datasheet HTML 7Page - Texas Instruments PTH12030L Datasheet HTML 8Page - Texas Instruments PTH12030L Datasheet HTML 9Page - Texas Instruments PTH12030L Datasheet HTML 10Page - Texas Instruments PTH12030L Datasheet HTML 11Page - Texas Instruments PTH12030L Datasheet HTML 12Page - Texas Instruments PTH12030L Datasheet HTML 13Page - Texas Instruments PTH12030L Datasheet HTML 14Page - Texas Instruments PTH12030L Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
www.ti.com
PTH12030W/L
SLTS211F – MAY 2003 – REVISED FEBRUARY 2007
Table 4. Input/Output Capacitors(1)
CAPACITOR CHARACTERISTICS
QUANTITY
CAPACITOR VENDOR,
WORKING
VALUE
MAX. ESR
MAX RIPPLE
PHYSICAL
INPUT
OPTIONAL
VENDOR PART
TYPE/SERIES, (STYLE)
VOLTAGE
(µF)
AT 100 kHz
CURRENT AT
SIZE (mm)
BUS
OUTPUT
NUMBER
85
°C (lrms)
BUS
Panasonic
25 V
330
0.090
>1100 mA
10 x 12,5
2
1
EEUFC1E331
FC, Radial
25 V
560
0.065
1205 mA
12,5 x 15
1
1
EEUFC1E561S
FK, (SMD)
25 V
470
0.080
>1100 mA
10 x 10,2
2
1
EEVFK1E471P
FK, (SMD)
35 V
680
0.060
1100 mA
12,5 x 13,5
1
1
EEVFK1V681Q
United Chemi-Con
MVZ, Aluminum (SMD)
16 V
680
0.090
670 mA
10 x 10
1
1
MVZ16VC681MJ10TP
LXZ, Aluminium (Radial))
25 V
680
0.068
1050 mA
10 x 16
1
1
LXZ16VB681M10X16LL
PS, Poly-Aluminum (Radial)
16 V
330
0.014
5060 mA
10 x 12,5
2
≤3
16PS330MJ12
PXA, Poly-Aluminum (SMD)
16 V
330
0.014
5050 mA
10 x 12,2
2
≤3
PXA16VCMJ12
Nichicon, Aluminum
25 V
560
0.060
1060 mA
12,5 x 15
1
1
UPM1E561MHH6
HD, (Radial)
16 V
680
0.038
1440 mA
10 x 16
1
1
UHD1C681MHR
PM, (Radial)
35 V
560
0.048
1360 mA
16 x 15
1
1
UPM1V561MHH6
Panasonic, Poly-Aluminum
6.3 V
180
0.005
4000 mA
7,3 x 4,3 x
N/R(2)
≤1(3)
EEFSE0J181R
SE(SMD)
4,2
(VO ≤ 5.1V)
Sanyo, TPE Poscap (SMD)
10 V
330
0.025
7,3L x 5,7W
N/R(2)
≤4
10TPE330M
SEQP, Os-Con (Radial)
16 V
330
0.016
4720 mA
10 x 13
2
≤3
16SEQP330M
SVP, Os-Con (SMD)
16 V
330
0.016
>4700 mA
10 x 12,6
2
≤3
16SVP330M
AVX, Tantalum, Series III
10 V
470
0.045
>1723 mA
7,3L x 5,7W
N/R(2)
≤5(3)
TPSE477M010R0045
(VO ≤ 5.1 V)
TPS (SMD)
10 V
330
0.045
>1723 mA
x 4,1H
N/R(2)
≤5(3)
TPSE337M010R0045
(VO ≤ 5.1 V)
Kemet, Poly-Tantalum
T520, (SMD)
10 V
330
0.040
1800 mA
4,3 W
N/R(2)
≤5
T520X337M010AS
T530, (SMD)
10 V
330
0.010
>5000 mA
x 7,3 L
N/R(2)
≤1
T530X337M010ASE010
6.3 V
470
0.010
> 5000 mA
x 4 H
N/R(2)
≤1(3)
T530X477M006ASE010
(VO ≤ 5.1 V)
Vishay-Sprague
595D477X0010R2T
595D, Tantalum (SMD)
10 V
470
0.100
1440 mA
7,2 x 6 x 4,1
N/R(2)
≤5(3)
(VO ≤ 5.1 V)
94SA, Os-con (Radial)
16 V
1,000
0.015
9740 mA
16 x 25
1
≤2
94SA108X0016HBP
94SVP, Os-Con (SMD)
16 V
330
0.017
4580 mA
10 x12,7
2
≤2
94SVP337X0016F12
Kemet, Ceramic X5R (SMD)
16 V
10
0.002
-
1210 Case
1(4)
≤5
C1210C106M4PAC
6.3 V
47
0.002
3225 mm
N/R(2)
≤5
C1210C476K9PAC
Murata, Ceramic X5R
6.3 V
100
0.002
-
1210 Case
N/R(2)
≤3
GRM32ER60J107M
(SMD)
16 V
47
3225 mm
1(4)
≤5
GRM32ER61J476K
16 V
22
1(4)
≤5
GRM32ER61C226K
16 V
10
1(4)
≤5
GRM32DR61C106K
TDK, Ceramic X5R (SMD)
6.3 V
100
0.002
-
1210 Case
N/R(2)
≤3
C3225X5R0J107MT
6.3 V
47
3225 mm
N/R(2)
≤5
C322X5R0J476MT
16 V
22
1(4)
≤5
C3225XR1C226MT
16 V
10
1(4)
≤5
C3225X5R1C106MT
(1)
Capacitor Supplier Verification
Please verify availability of capacitors identified in this table. Capacitor suppliers may recommend alternative part numbers because of
limited availability or obsolete products. In some instances, the capacitor product life cycle may be in decline and have short-term
consideration for obsolescence.
RoHS, Lead-free and Material Details
Please consult capacitor suppliers regarding material composition, RoHS status, lead-free status, and manufacturing process
requirements. Component designators or part number deviations can occur when material composition or soldering requirements are
updated.
(2)
N/R –Not recommended. The voltage rating does not meet the minimum operating limits.
(3)
The voltage rating of this capacitor only allows it to be used for output voltages that are equal to or less than 5.1 V.
(4)
Small ceramic capacitors may used to complement electrolytic types at the input to further reduce high-frequency ripple current.
11
Submit Documentation Feedback


Similar Part No. - PTH12030L

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
PTH12030 ARTESYN-PTH12030 Datasheet
207Kb / 4P
   DC-DC CONVERTERS POLA Non-isolated
logo
Emerson Network Power
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
   DC-DC CONVERTERS
logo
Advanced Energy Industr...
PTH12030 ADVANCEDENERGY-PTH12030 Datasheet
466Kb / 7P
   12 Vin Single Output
logo
Emerson Network Power
PTH12030WAD EMERSON-NETWORKPOWER-PTH12030WAD Datasheet
207Kb / 4P
   DC-DC CONVERTERS
PTH12030WADT EMERSON-NETWORKPOWER-PTH12030WADT Datasheet
207Kb / 4P
   DC-DC CONVERTERS
More results

Similar Description - PTH12030L

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ATH26K12 ASTEC-ATH26K12 Datasheet
1Mb / 16P
   26-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH12010W TI-PTH12010W Datasheet
997Kb / 27P
[Old version datasheet]   12-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
logo
Astec America, Inc
ATH10K12 ASTEC-ATH10K12 Datasheet
416Kb / 13P
   10-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH12000W TI-PTH12000W Datasheet
575Kb / 19P
[Old version datasheet]   6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
PTH12060W TI-PTH12060W Datasheet
1Mb / 29P
[Old version datasheet]   10-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
logo
Astec America, Inc
ATH18K12 ASTEC-ATH18K12 Datasheet
1Mb / 13P
   18-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH12050W TI-PTH12050W Datasheet
350Kb / 18P
[Old version datasheet]   6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
PTH12020W TI-PTH12020W Datasheet
917Kb / 27P
[Old version datasheet]   18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH12000L TI1-PTH12000L Datasheet
572Kb / 19P
[Old version datasheet]   6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
PTH12020L TI1-PTH12020L Datasheet
936Kb / 27P
[Old version datasheet]   18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com