Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM200DSA120 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # PM200DSA120
Description  FLAT-BASE TYPE INSULATED PACKAGE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM200DSA120 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  PM200DSA120 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM200DSA120 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM200DSA120 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM200DSA120 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM200DSA120 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM200DSA120 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Sep.1998
Absolute Maximum Ratings, Tj = 25°C unless otherwise specified
Ratings
Symbol
PM200DSA120
Units
Power Device Junction Temperature
Tj
-20 to 150
°C
Storage Temperature
Tstg
-40 to 125
°C
Case Operating Temperature
TC
-20 to 100
°C
Mounting Torque, M6 Mounting Screws
3.92~5.88
N · m
Mounting Torque, M6 Main Terminal Screws
3.92~5.88
N · m
Module Weight (Typical)
630
Grams
Supply Voltage Protected by OC and SC (VD = 13.5 - 16.5V, Inverter Part)
VCC(prot.)
800
Volts
Isolation Voltage (Main Terminal to Baseplate, AC 1 min.)
Viso
2500
Vrms
Control Sector
Supply Voltage (Applied between VP1-VPC, VN1-VNC)VD
20
Volts
Input Voltage (Applied between CP1-VPC, CN1-VNC)VCIN
10
Volts
Fault Output Supply Voltage (Applied between Fpo-Vpc and Fno-Vnc)VFO
20
Volts
Fault Output Current (Sink Current at FPO, FNO Terminal)
IFO
20
mA
IGBT Inverter Sector
Collector-Emitter Voltage (VD = 15V, VCIN = 5V)
VCES
1200
Volts
Collector Current, (Tc = 25°C)
IC
200
Amperes
Peak Collector Current, (Tc = 25°C)
ICP
400
Amperes
Supply Voltage (Applied between C1 - E2)
VCC
900
Volts
Supply Voltage, Surge (Applied between C1 - E2)
VCC(surge)
1000
Volts
Collector Dissipation
PC
1140
Watts
MITSUBISHI INTELLIGENT POWER MODULES
PM200DSA120
FLAT-BASE TYPE
INSULATED PACKAGE


Similar Part No. - PM200DSA120

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM200DSA120 MITSUBISHI-PM200DSA120 Datasheet
925Kb / 6P
   USING INTELLIGENT POWER MODULES
logo
Powerex Power Semicondu...
PM200DSA120 POWEREX-PM200DSA120 Datasheet
78Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (200 Amperes/1200 Volts)
logo
Mitsubishi Electric Sem...
PM200DSA120 MITSUBISHI-PM200DSA120 Datasheet
66Kb / 6P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM200DSA120 MITSUBISHI-PM200DSA120_00 Datasheet
66Kb / 6P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM200DSA120

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM50CSE060 MITSUBISHI-PM50CSE060 Datasheet
131Kb / 6P
   FLAT-BASE FLAT-BASE TYPE INSULATED PACKAGE
PM100DSA120 MITSUBISHI-PM100DSA120 Datasheet
62Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM30CTJ060 MITSUBISHI-PM30CTJ060 Datasheet
133Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM400DSA060 MITSUBISHI-PM400DSA060 Datasheet
63Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM75RSA060 MITSUBISHI-PM75RSA060 Datasheet
84Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM50CTK060 MITSUBISHI-PM50CTK060 Datasheet
144Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM200CSA060 MITSUBISHI-PM200CSA060 Datasheet
72Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM10CSJ060 MITSUBISHI-PM10CSJ060 Datasheet
57Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM100CSA120 MITSUBISHI-PM100CSA120 Datasheet
72Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM50RSA060 MITSUBISHI-PM50RSA060 Datasheet
85Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM20CTM060 MITSUBISHI-PM20CTM060 Datasheet
136Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com