Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PS21964-A Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part No. PS21964-A
Description  600V/15A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PS21964-A Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

Back Button PS21964-A Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PS21964-A Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PS21964-A Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PS21964-A Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PS21964-A Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PS21964-A Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PS21964-A Datasheet HTML 8Page - Mitsubishi Electric Semiconductor PS21964-A Datasheet HTML 9Page - Mitsubishi Electric Semiconductor PS21964-A Datasheet HTML 10Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MITSUBISHI SEMICONDUCTOR <Dual-In-Line Package Intelligent Power Module>
PS21964/-A/-C
TRANSFER-MOLD TYPE
INSULATED TYPE
Jun. 2005
Note 7: Flatness measurement position
+ –
+
Measurement position
Heat sink side
Heat sink side
4.6mm
DIP-IPM
Mounting screw : M3
(Note 6)
Condition
Parameter
Limits
Mounting torque
Weight
Heat-sink flatness
Min.
MECHANICAL CHARACTERISTICS AND RATINGS
Typ.
Max.
0.59
–50
Unit
10
0.78
100
N·m
g
µm
Recommended : 0.69 N·m
(Note 7)
V
V
V
V/
µs
µs
Supply voltage
Control supply voltage
Control supply voltage
Control supply variation
Arm shoot-through blocking time
Applied between P-N
Applied between VP1-VNC, VN1-VNC
Applied between VUFB-U, VVFB-V, VWFB-W
For each input signal, TC
≤ 100°C
400
16.5
18.5
1
VCC
VD
VDB
∆VD, ∆VDB
tdead
Condition
Symbol
Parameter
Limits
Min.
Typ.
Max.
0
13.5
13.0
–1
1.5
Unit
RECOMMENDED OPERATION CONDITIONS
300
15.0
15.0
Note 8 : The allowable r.m.s. current value depends on the actual application conditions.
9: IPM might not make response if the input signal pulse width is less than the recommended minimum value.
Note 6 : Plain washers (ISO 7089~7094) are recommended.
IO
PWIN(on)
PWIN(off)
VNC
Output r.m.s. current
Allowable minimum input
pulse width
VNC voltage variation
VCC = 300V, VD = VDB = 15V,
P.F = 0.8, sinusoidal PWM,
Tj
≤ 125°C, TC ≤ 100°C
(Note 8)
(Note 9)
Between VNC-N (including surge)
Arms
µs
V
0.5
0.5
–5.0
5.0
fPWM = 5kHz
fPWM = 15kHz
7.5
4.5


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PS21964-4600V/15A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
PS21964-4S600V/15A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
PS21962-4600V/5A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
PS21962-4S600V/5A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
PS21962-A600V/5A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
PS21962-S600V/5A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
PS21962-ST600V/5A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
PS21962-T00V/5A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
PS21963-4600V/10A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
PS21963-A600V/10A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn