Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS21963-4E Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # PS21963-4E
Description  600V/8A low-loss CSTBTTM inverter bridge for three phase DC-to-AC power conversion
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PS21963-4E Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  PS21963-4E Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PS21963-4E Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PS21963-4E Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PS21963-4E Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PS21963-4E Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PS21963-4E Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PS21963-4E Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PS21963-4E Datasheet HTML 8Page - Mitsubishi Electric Semiconductor PS21963-4E Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MITSUBISHI SEMICONDUCTOR <Dual-In-Line Package Intelligent Power Module>
PS21963-4E/-4AE/-4CE/-4EW
TRANSFER-MOLD TYPE
INSULATED TYPE
Aug. 2007
5
2.20
2.30
2.35
1.70
0.60
2.00
0.75
1
10
4.1
5.4
mA
V
Tj = 25
°C
Tj = 125
°C
IC = 8A, Tj = 25
°C
IC = 8A, Tj = 125
°C
VCE(sat)
VEC
ton
trr
tc(on)
toff
tc(off)
ICES
Condition
Symbol
Parameter
Limits
Inverter IGBT part (per 1/6 module)
Inverter FWD part (per 1/6 module)
Rth(j-c)Q
Rth(j-c)F
Min.
THERMAL RESISTANCE
Typ.
Max.
Unit
Tj = 25
°C, –IC = 8A, VIN = 0V
Condition
Symbol
Parameter
Limits
Min.
Typ.
Max.
0.60
Unit
ELECTRICAL CHARACTERISTICS (Tj = 25
°C, unless otherwise noted)
INVERTER PART
Collector-emitter saturation
voltage
FWD forward voltage
Junction to case thermal
resistance
(Note 3)
VD = VDB = 15V
VIN = 5V
Switching times
VCC = 300V, VD = VDB = 15V
IC = 8A, Tj = 125
°C, VIN = 0 ↔ 5V
Inductive load (upper-lower arm)
Collector-emitter cut-off
current
VCE = VCES
1.70
1.80
1.90
1.10
0.30
0.40
1.40
0.40
V
µs
µs
µs
µs
µs
°C/W
°C/W
Note 3 : Grease with good thermal conductivity should be applied evenly with about +100
µm~+200µm on the contacting surface of DIP-IPM
and heat-sink.
The contacting thermal resistance between DIP-IPM case and heat sink (Rth(c-f)) is determined by the thickness and the thermal
conductivity of the applied grease. For reference, Rth(c-f) (per 1/6 module) is about 0.3
°C/W when the grease thickness is 20µm and
the thermal conductivity is 1.0W/m·k.
DIP-IPM
IGBT chip position
Power terminals
FWD chip position
Control terminals
TC point
Heat sink side
11.6mm
3mm
400
–20~+100
–40~+125
1500
VD = 13.5~16.5V, Inverter part
Tj = 125
°C, non-repetitive, less than 2µs
(Note 2)
60Hz, Sinusoidal, 1 minute,
Between pins and heat-sink plate
VCC(PROT)
TC
Tstg
Viso
Symbol
Ratings
Unit
Self protection supply voltage limit
(short circuit protection capability)
Module case operation temperature
Storage temperature
Isolation voltage
V
°C
°C
Vrms
TOTAL SYSTEM
Parameter
Condition
Note 2: TC measurement point


Similar Part No. - PS21963-4E

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21963-4ES MITSUBISHI-PS21963-4ES Datasheet
130Kb / 8P
   600V/8A low-loss CSTBTTM inverter bridge for three phase DC-to-AC power conversion
PS21963-4ES MITSUBISHI-PS21963-4ES Datasheet
136Kb / 8P
   Dual-In-Line Package Intelligent Power Module
PS21963-4ES MITSUBISHI-PS21963-4ES_09 Datasheet
136Kb / 8P
   Dual-In-Line Package Intelligent Power Module
PS21963-4EW MITSUBISHI-PS21963-4EW Datasheet
185Kb / 10P
   Dual-In-Line Package Intelligent Power Module
PS21963-4E MITSUBISHI-PS21963-4E_09 Datasheet
185Kb / 10P
   Dual-In-Line Package Intelligent Power Module
More results

Similar Description - PS21963-4E

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21963-EST MITSUBISHI-PS21963-EST Datasheet
134Kb / 8P
   600V/8A low-loss CSTBTTM inverter bridge for three phase DC-to-AC power conversion
PS21963-ET MITSUBISHI-PS21963-ET Datasheet
183Kb / 10P
   600V/8A low-loss CSTBTTM inverter bridge for three phase DC-to-AC power conversion
PS21963-4ES MITSUBISHI-PS21963-4ES Datasheet
130Kb / 8P
   600V/8A low-loss CSTBTTM inverter bridge for three phase DC-to-AC power conversion
PS21965-4S MITSUBISHI-PS21965-4S Datasheet
130Kb / 8P
   600V/20A low-loss CSTBTTM inverter bridge for three phase DC-to-AC power conversion
PS21965-T MITSUBISHI-PS21965-T Datasheet
183Kb / 10P
   600V/20A low-loss CSTBTTM inverter bridge for three phase DC-to-AC power conversion
PS21965-4 MITSUBISHI-PS21965-4 Datasheet
179Kb / 10P
   600V/20A low-loss CSTBTTM inverter bridge for three phase DC-to-AC power conversion
PS21965-ST MITSUBISHI-PS21965-ST Datasheet
134Kb / 8P
   600V/20A low-loss CSTBTTM inverter bridge for three phase DC-to-AC power conversion
PS21962-S MITSUBISHI-PS21962-S Datasheet
92Kb / 8P
   600V/5A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21963-4 MITSUBISHI-PS21963-4 Datasheet
179Kb / 10P
   600V/10A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21964-4 MITSUBISHI-PS21964-4 Datasheet
179Kb / 10P
   600V/15A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com