Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS21962-CT Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # PS21962-CT
Description  00V/5A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PS21962-CT Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

Back Button PS21962-CT Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PS21962-CT Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PS21962-CT Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PS21962-CT Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PS21962-CT Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PS21962-CT Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PS21962-CT Datasheet HTML 8Page - Mitsubishi Electric Semiconductor PS21962-CT Datasheet HTML 9Page - Mitsubishi Electric Semiconductor PS21962-CT Datasheet HTML 10Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MITSUBISHI SEMICONDUCTOR <Dual-In-Line Package Intelligent Power Module>
PS21962-T/-AT/-CT/-TW
TRANSFER-MOLD TYPE
INSULATED TYPE
Aug. 2007
7
Fig. 7 THE DIP-IPM INTERNAL CIRCUIT
DIP-IPM
UOUT
VOUT
UOUT
VVS
WOUT
VWS
VOUT
WOUT
VNO
GND
Fo
WN
VN
UN
VCC
HVIC
LVIC
CIN
CIN
N
W
V
U
P
COM
VUB
VUS
VCC
VVB
VP
VWB
WP
Fo
WN
VN
UN
WP
VP
UP
UP
VNC
VN1
VP1
VVFB
VWFB
VNC
VUFB
IGBT1
IGBT2
IGBT3
IGBT4
IGBT5
IGBT6
Di1
Di2
Di3
Di4
Di5
Di6
V
V
V
V/
µs
µs
kHz
Supply voltage
Control supply voltage
Control supply voltage
Control supply variation
Arm shoot-through blocking time
PWM input frequency
Applied between P-N
Applied between VP1-VNC, VN1-VNC
Applied between VUFB-U, VVFB-V, VWFB-W
For each input signal, TC
≤ 100°C
TC
≤ 100°C, Tj ≤ 125°C
400
16.5
18.5
1
20
VCC
VD
VDB
∆VD, ∆VDB
tdead
fPWM
Condition
Symbol
Parameter
Limits
Min.
Typ.
Max.
0
13.5
13.0
–1
1.5
Unit
RECOMMENDED OPERATION CONDITIONS
300
15.0
15.0
Note 9 : The allowable r.m.s. current value depends on the actual application conditions.
10 : IPM might not make response if the input signal pulse width is less than the recommended minimum value.
IO
PWIN(on)
PWIN(off)
VNC
Allowable r.m.s. current
Allowable minimum input
pulse width
VNC variation
VCC = 300V, VD = VDB = 15V,
P.F = 0.8, sinusoidal PWM,
Tj
≤ 125°C, TC ≤ 100°C
(Note 9)
(Note 10)
Between VNC-N (including surge)
Arms
µs
V
0.5
0.5
–5.0
5.0
fPWM = 5kHz
fPWM = 15kHz
2.5
1.5


Similar Part No. - PS21962-CT

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21962-CT MITSUBISHI-PS21962-CT Datasheet
185Kb / 10P
   600V/5A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
More results

Similar Description - PS21962-CT

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21962-S MITSUBISHI-PS21962-S Datasheet
92Kb / 8P
   600V/5A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21962-4 MITSUBISHI-PS21962-4 Datasheet
179Kb / 10P
   600V/5A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21962-ST MITSUBISHI-PS21962-ST_09 Datasheet
131Kb / 8P
   600V/5A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion.
PS21962-T MITSUBISHI-PS21962-T_09 Datasheet
185Kb / 10P
   600V/5A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21962-4S MITSUBISHI-PS21962-4S Datasheet
130Kb / 8P
   600V/5A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21962-A MITSUBISHI-PS21962-A Datasheet
131Kb / 10P
   600V/5A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21962-ST MITSUBISHI-PS21962-ST Datasheet
134Kb / 8P
   600V/5A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21963-4 MITSUBISHI-PS21963-4 Datasheet
179Kb / 10P
   600V/10A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21964-ST MITSUBISHI-PS21964-ST Datasheet
134Kb / 8P
   600V/15A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21964-4 MITSUBISHI-PS21964-4 Datasheet
179Kb / 10P
   600V/15A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com