Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PME271E515MR30 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PME271E515MR30
Description  EMI suppressor, classes X1 and X2, metallized paper
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PME271E515MR30 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PME271E515MR30 Datasheet HTML 1Page - List of Unclassifed Manufacturers PME271E515MR30 Datasheet HTML 2Page - List of Unclassifed Manufacturers PME271E515MR30 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
163
PME271M/E
ARTICLE TABLE
0.0010
3.9
7.5
13.5 10.2
1000
2000
700
0.7
53
1200
√ √√√√ √√ √
PME271M410MR30
0.0015
3.9
7.5
13.5 10.2
1000
2000
700
0.7
44
1200
√ √√√√ √√ √
PME271M415MR30
0.0022
3.9
7.5
13.5 10.2
1000
2000
700
0.7
37
1200
√ √√√√ √√ √
PME271M422MR30
0.0033
4.1
8.2
13.5 10.2
1000
2000
600
0.9
30
1200
√ √√√√ √√ √
PME271M433MR30
0.0047
5.1
10.5
13.5 10.2
800
1600
600
1.2
24
1200
√ √√√√ √√ √
PME271M447MR30
0.0068
5.2
10.5
18.5 15.2
500
1000
600
1.7
19
1200
√ √√√√ √√ √
PME271M468MR30
0.010
5.2
10.5
18.5 15.2
500
1000
600
1.7
16
1200
√ √√√√ √ √√√ PME271M510MR30
0.015
5.2
10.5
18.5 15.2
500
1000
600
1.7
13
1200
√ √√√√ √ √√√ PME271M515MR30
0.022
6.0
12.5
18.5 15.2
400
800
400
3.0
10
1200
√ √√√√ √ √√√ PME271M522MR30
0.033
6.0
12.5
18.5 15.2
400
800
400
3.0
8.4
1200
√ √√√√ √ √√√ PME271M533MR30
0.047
6.0
12.5
18.5 15.2
400
800
400
3.0
7.0
1200
√ √√√√ √ √√√ PME271M547MR30
0.068
7.8
13.5
18.5 15.2
400
800
400
3.3
5.6
1200
√ √√√√ √ √√√ PME271M568MR30
0.10
8.5
14.3
18.5 15.2
300
500
350
3.8
4.3
1200
√ √√√√ √ √√√ PME271MB6100MR30
0.10
7.6
14.0
24.0 20.3
250
1500
250
4.0
4.1
600
√ √√√√ √ √√√ PME271M610MR30
0.15
9.0
15.0
24.0 20.3
200
1200
250
5.0
3.4
600
√ √√√√ √ √√√ PME271M615KR30
0.22
11.3
16.5
24.0 20.3
150
1000
180
7.0
2.7
600
√ √√√√ √ √√√ PME271M622KR30
0.10
8.0
17.0
27.0 22.5
200
1200
250
5.5
3.9
600
√ √√√√ √ √√√ PME271MD6100MR30
0.15
8.0
17.0
27.0 22.5
200
1200
250
5.5
3.3
600
√ √√√√ √ √√√ PME271MD6150KR30
0.22
10.0
19.0
27.0 22.5
150
1000
200
7.5
2.6
600
√ √√√√ √ √√√ PME271MD6220KR30
0.27
12.0
22.0
27.0 22.5
100
800
10.0
2.3
400
√ √√√√ √ √√√ PME271MD6270KR30
0.33
12.0
22.0
27.0 22.5
100
800
10.0
2.1
400
√ √√√√ √ √√√ PME271MD6330KR30
0.27
10.5
17.3
30.5 25.4
100
1000
8.5
2.4
400
√ √√√√ √ √√√ PME271M627KR30
0.33
12.1
19.0
30.5 25.4
100
800
10.0
2.1
400
√ √√√√ √ √√√ PME271M633KR30
0.47
15.3
22.0
30.5 25.4
75
600
15.0
1.8
400
√ √√√√ √ √√√ PME271M647KR30
0.60
15.3
22.0
30.5 25.4
75
600
15.0
1.6
400
√ √√√√ √ √√√ PME271M660KR30
CLASS X1 300 VAC +110 °C PME271 E
0.010
5.2
10.5
18.5 15.2
500
1000
600
1.7
16
1200
√ √√√√ √√ √
PME271E510MR30
0.015
5.2
10.5
18.5 15.2
500
1000
600
1.7
13
1200
√ √√√√ √√ √
PME271E515MR30
0.022
7.3
13.0
19.0 15.2
400
800
400
3.0
9.8
1200
√ √√√√ √√ √
PME271E522MR30
0.033
7.3
13.0
19.0 15.2
400
800
400
3.0
7.0
1200
√ √√√√ √√ √
PME271E533MR30
0.047
8.5
14.3
18.5 15.2
300
500
350
3.8
6.4
1200
√ √√√√ √√ √
PME271E547MR30
0.068
7.6
14.0
24.0 20.3
250
1500
250
4.5
5.2
600
√ √√√√ √√ √
PME271E568MR30
0.10
11.3
16.5
24.0 20.3
150
1000
180
7.0
4.1
600
√ √√√√ √√ √
PME271E610MR30
0.068
8.0
17.0
27.0 22.5
200
1200
250
5.5
4.7
600
√ √√√√ √√ √
PME271ED5680MR30
0.10
8.0
17.0
27.0 22.5
200
1200
250
5.5
4.1
600
√ √√√√ √√ √
PME271ED6100MR30
0.15
10.0
19.0
27.0 22.5
150
1000
200
5.5
3.2
600
√ √√√√ √√ √
PME271ED6150KR30
0.22
12.0
22.0
27.0 22.5
100
800
5.5
2.5
600
√ √√√√ √√ √
PME271ED6220KR30
0.15
10.6
16.1
30.5 25.4
150
1000
8.6
3.3
400
√ √√√√ √√ √
PME271E615KR30
0.22
12.1
19.0
30.5 25.4
100
800
10.0
2.6
400
√ √√√√ √√ √
PME271E622KR30
Quantity per package
Approvals
Capaci- Max dimensions
reel
Max
tance
in mm
R30
R06
taped
Weight
f
O
dU/dt
Article code
µ F
B
H
L
p
pcs
pcs
pcs
g
MHz
V/µs
CLASS X2 275 VAC +110 °C PME271 M


Similar Part No. - PME271E515MR30

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PME271E515MR30 KEMET-PME271E515MR30 Datasheet
163Kb / 2P
   EMI suppressor, class X1, metallized paper
More results

Similar Description - PME271E515MR30

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PME271 KEMET-PME271 Datasheet
56Kb / 4P
   EMI suppressor, classes X1, X2 and Y2, metallized paper
logo
List of Unclassifed Man...
PME290 ETC-PME290 Datasheet
49Kb / 2P
   EMI suppressor, classes X1 and Y2, metallized paper
PZB300 ETC1-PZB300 Datasheet
52Kb / 2P
   Delta EMI suppressor, classes X2 and Y2, metallized paper
logo
Kemet Corporation
PME271E510M KEMET-PME271E510M Datasheet
163Kb / 2P
   EMI suppressor, class X1, metallized paper
logo
List of Unclassifed Man...
PME278 ETC-PME278 Datasheet
47Kb / 2P
   EMI suppressor, class X1, metallized paper
PME264 ETC1-PME264 Datasheet
49Kb / 2P
   EMI suppressor, class X2, metallized paper
PME285 ETC2-PME285 Datasheet
49Kb / 2P
   EMI suppressor, class X2, metallized paper
PME294 ETC-PME294 Datasheet
48Kb / 2P
   EMI suppressor, class Y1, metallized paper
PHE844 ETC-PHE844 Datasheet
48Kb / 2P
   EMI suppressor, class X1, metallized polypropylene
PME271Y ETC1-PME271Y Datasheet
54Kb / 3P
   EMI suppressor, class Y2, metallized paper
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com