Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS21962-S Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # PS21962-S
Description  600V/5A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PS21962-S Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  PS21962-S Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PS21962-S Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PS21962-S Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PS21962-S Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PS21962-S Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PS21962-S Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PS21962-S Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PS21962-S Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MITSUBISHI SEMICONDUCTOR <Dual-In-Line Package Intelligent Power Module>
PS21962-S
TRANSFER-MOLD TYPE
INSULATED TYPE
Jun. 2005
Note 2: TC measurement point
DIP-IPM
IGBT chip position
Power terminals
FWD chip position
Control terminals
TC point
Heat sink side
11.6mm
3mm
400
–20~+100
–40~+125
1500
VD = 13.5~16.5V, Inverter part
Tj = 125
°C, non-repetitive, less than 2µs
(Note 2)
60Hz, Sinusoidal, 1 minute,
All connected pins to heat-sink plate
VCC(PROT)
TC
Tstg
Viso
V
V
V
V
mA
V
20
20
–0.5~VD+0.5
–0.5~VD+0.5
1
–0.5~VD+0.5
Applied between VP1-VNC, VN1-VNC
Applied between VUFB-U, VVFB-V, VWFB-W
Applied between UP, VP, WP, UN, VN,
WN-VNC
Applied between FO-VNC
Sink current at FO terminal
Applied between CIN-VNC
Control supply voltage
Control supply voltage
Input voltage
Fault output supply voltage
Fault output current
Current sensing input voltage
VD
VDB
VIN
VFO
IFO
VSC
450
500
600
5
10
21.3
–20~+125
Applied between P-NU, NV, NW
Applied between P-NU, NV, NW
TC = 25
°C
TC = 25
°C, less than 1ms
TC = 25
°C, per 1 chip
(Note 1)
VCC
VCC(surge)
VCES
±IC
±ICP
PC
Tj
Condition
Symbol
Parameter
Ratings
Unit
Supply voltage
Supply voltage (surge)
Collector-emitter voltage
Each IGBT collector current
Each IGBT collector current (peak)
Collector dissipation
Junction temperature
V
V
V
A
A
W
°C
MAXIMUM RATINGS (Tj = 25
°C, unless otherwise noted)
INVERTER PART
Condition
Symbol
Parameter
Ratings
Unit
CONTROL (PROTECTION) PART
Symbol
Ratings
Unit
Self protection supply voltage limit
(short circuit protection capability)
Module case operation temperature
Storage temperature
Isolation voltage
V
°C
°C
Vrms
TOTAL SYSTEM
Note 1 : The maximum junction temperature rating of the power chips integrated within the DIP-IPM is 150
°C (@ TC ≤ 100°C). However, to
ensure safe operation of the DIP-IPM, the average junction temperature should be limited to Tj(ave)
≤ 125°C (@ TC ≤ 100°C).
Parameter
Condition


Similar Part No. - PS21962-S

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21962-ST MITSUBISHI-PS21962-ST Datasheet
134Kb / 8P
   600V/5A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21962-ST MITSUBISHI-PS21962-ST Datasheet
131Kb / 8P
   600V/5A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion.
PS21962-ST MITSUBISHI-PS21962-ST_09 Datasheet
131Kb / 8P
   600V/5A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion.
More results

Similar Description - PS21962-S

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21962-4 MITSUBISHI-PS21962-4 Datasheet
179Kb / 10P
   600V/5A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21962-ST MITSUBISHI-PS21962-ST_09 Datasheet
131Kb / 8P
   600V/5A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion.
PS21962-T MITSUBISHI-PS21962-T_09 Datasheet
185Kb / 10P
   600V/5A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21962-4S MITSUBISHI-PS21962-4S Datasheet
130Kb / 8P
   600V/5A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21962-A MITSUBISHI-PS21962-A Datasheet
131Kb / 10P
   600V/5A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21962-ST MITSUBISHI-PS21962-ST Datasheet
134Kb / 8P
   600V/5A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21962-T MITSUBISHI-PS21962-T Datasheet
183Kb / 10P
   00V/5A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21963-4 MITSUBISHI-PS21963-4 Datasheet
179Kb / 10P
   600V/10A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21964-ST MITSUBISHI-PS21964-ST Datasheet
134Kb / 8P
   600V/15A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21964-4 MITSUBISHI-PS21964-4 Datasheet
179Kb / 10P
   600V/15A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com