Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PS21962-A Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part No. PS21962-A
Description  600V/5A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PS21962-A Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  PS21962-A Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PS21962-A Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PS21962-A Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PS21962-A Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PS21962-A Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PS21962-A Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PS21962-A Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PS21962-A Datasheet HTML 8Page - Mitsubishi Electric Semiconductor PS21962-A Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MITSUBISHI SEMICONDUCTOR <Dual-In-Line Package Intelligent Power Module>
PS21962/-A/-C
TRANSFER-MOLD TYPE
INSULATED TYPE
Jun. 2005
0.28
1.778 ±0.2
2.54 ±0.2
3.08
35 ±0.3
38 ±0.5
14
×2.54(=35.56)
0.5
HEAT SINK SIDE
HEAT SINK SIDE
0.5
0.5
0.5
17
1
18
2-R1.6
0.28
25
0.6
4-C1.2
Type name
Lot No.
QR
Code
1.5 ±0.05
0.5
A
TERMINAL CODE
1.
(VNC)
2.
VUFB
3.
VVFB
4.
VWFB
5.
UP
6.
VP
7.
WP
8.
VP1
9.
VNC
10. UN
11. VN
12. WN
13. VN1
14. FO
15. CIN
16. VNC
17. VNO
18. NC
19. NC
20. N
21. W
22. V
23. U
24. P
25. NC
3.5
B
0.8
(0.678)
1.5min
(0.678)
(1.2)
DETAIL A
DETAIL B
PS21962-A
INTEGRATED POWER FUNCTIONS
600V/5A low-loss 5th generation IGBT inverter bridge for
three phase DC-to-AC power conversion
APPLICATION
AC100V~200V three-phase inverter drive for small power motor control.
Fig. 1 PACKAGE OUTLINES (PS21962)
MITSUBISHI SEMICONDUCTOR <Dual-In-Line Package Intelligent Power Module>
PS21962/-A/-C
TRANSFER-MOLD TYPE
INSULATED TYPE
INTEGRATED DRIVE, PROTECTION AND SYSTEM CONTROL FUNCTIONS
• For upper-leg IGBTS : Drive circuit, High voltage isolated high-speed level shifting, Control supply under-voltage (UV) protection.
• For lower-leg IGBTS : Drive circuit, Control supply under-voltage protection (UV), Short circuit protection (SC).
• Fault signaling : Corresponding to an SC fault (Lower-leg IGBT) or a UV fault (Lower-side supply).
• Input interface : 3V, 5V line (High Active).
Dimensions in mm


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn