Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS21962-4C Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # PS21962-4C
Description  600V/5A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PS21962-4C Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  PS21962-4C Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PS21962-4C Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PS21962-4C Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PS21962-4C Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PS21962-4C Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PS21962-4C Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PS21962-4C Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PS21962-4C Datasheet HTML 8Page - Mitsubishi Electric Semiconductor PS21962-4C Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MITSUBISHI SEMICONDUCTOR <Dual-In-Line Package Intelligent Power Module>
PS21962-4/-4A/-4C/-4W
TRANSFER-MOLD TYPE
INSULATED TYPE
Aug. 2007
3
2.54 ±0.25
7-0.6
2.5 MIN
14
×2.54(=35.56)
HEAT SINK SIDE
18
3 MIN
2-R
1.6
0.28
25
4-C1.2
Type name
Lot No.
QR
Code
TERMINAL CODE
1.
NC
2.
VUFB
3.
VVFB
4.
VWFB
5.
UP
6.
VP
7.
WP
8.
VP1
9.
VNC *
10. UN
11. VN
12. WN
13. VN1
14. FO
15. CIN
16. VNC *
17. NC
18. NC
19. NC
20. N
21. W
22. V
23. U
24. P
25. NC
HEAT SINK SIDE
1.5 ±0.05
3.5
B
0.8
(2.656)
(2.756)
(1.2)
DETAIL A
DETAIL B
0.28
1.778 ±0.25
35 ±0.3
20
×1.778(=35.56)
38 ±0.5
17
1
A
16-0.5
1.5 M
IN
0.5
0.5
0.5
M
Z : ZNR (Surge absorber)
C : AC filter (Ceramic capacitor 2.2~6.5nF)
(Note : Additionally, an appropriate line-to line
surge absorber circuit may become necessary
depending on the application environment).
C1 : Electrolytic type with good temperature and frequency
C2 : 0.22~2
µF R-category ceramic capacitor for noise filtering.
characteristics
(Note : The capacitance value depends on the PWM control
scheme used in the applied system).
Note1:
Input logic is high-active. There is a 3.3k
Ω (min) pull-down resistor built-in each input circuit. When using an external CR filter, please make it satisfy the
input threshold voltage.
2:
By virtue of integrating an application specific type HVIC inside the module, direct coupling to MCU terminals without any opto-coupler or transformer
isolation is possible. (see also Fig. 11)
3:
This output is open drain type. The signal line should be pulled up to the positive side of the 5V power supply with approximately 10k
Ω resistor.
(see also Fig. 11)
4:
The wiring between the power DC link capacitor and the P, N1 terminals should be as short as possible to protect the DIP-IPM against catastrophic high
surge voltages. For extra precaution, a small film type snubber capacitor (0.1~0.22
µF, high voltage type) is recommended to be mounted close to
these P & N1 DC power input pins.
5:
High voltage (600V or more) and fast recovery type (less than 100ns) diodes should be used in the bootstrap circuit.
6:
It is recommended to insert a Zener diode (24V/1W) between each pair of control supply terminals to prevent surge destruction.
7:
Bootstrap negative electrodes should be connected to U, V, W terminals directly and separated from the main output wires.
Protection
circuit (UV)
Drive circuit
AC line input
Input signal
conditioning
Input signal
conditioning
Input signal
conditioning
Level shifter
Drive circuit
Level shifter
Drive circuit
Level shifter
Drive circuit
Input signal conditioning
Protection
circuit
Control supply
Under-Voltage
protection
FO
DIP-IPM
(Note 4)
Inrush current
limiter circuit
VD
VNC
H-side IGBTS
L-side IGBTS
W
V
U
C2
C1
P
VNC
N1
N
CIN
Z
C
High-side input (PWM)
(3V, 5V line) (Note 1, 2)
(Note 5)
(15V line)
AC line output
(3V, 5V line)(Note 1, 2) Fault output (5V line)
(Note 3)
Low-side input (PWM)
(Note 7)
Fo logic
(Note 6)
(Note 6)
Fig. 5 INTERNAL FUNCTIONS BLOCK DIAGRAM (TYPICAL APPLICATION EXAMPLE)
Fig. 4 BOTH SIDES ZIGZAG TERMINAL TYPE PACKAGE OUTLINES (PS21962-4W)
Dimensions in mm
*) Two VNC terminals (9 & 16 pin) are connected inside DIP-IPM, please connect either one to the 15V power supply GND outside and
leave another one open.


Similar Part No. - PS21962-4C

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21962-4C MITSUBISHI-PS21962-4C Datasheet
185Kb / 10P
   Dual-In-Line Package Intelligent Power Module
More results

Similar Description - PS21962-4C

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21962-S MITSUBISHI-PS21962-S Datasheet
92Kb / 8P
   600V/5A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21962-ST MITSUBISHI-PS21962-ST_09 Datasheet
131Kb / 8P
   600V/5A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion.
PS21962-T MITSUBISHI-PS21962-T_09 Datasheet
185Kb / 10P
   600V/5A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21962-4S MITSUBISHI-PS21962-4S Datasheet
130Kb / 8P
   600V/5A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21962-A MITSUBISHI-PS21962-A Datasheet
131Kb / 10P
   600V/5A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21962-ST MITSUBISHI-PS21962-ST Datasheet
134Kb / 8P
   600V/5A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21962-T MITSUBISHI-PS21962-T Datasheet
183Kb / 10P
   00V/5A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21963-4 MITSUBISHI-PS21963-4 Datasheet
179Kb / 10P
   600V/10A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21964-ST MITSUBISHI-PS21964-ST Datasheet
134Kb / 8P
   600V/15A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21964-4 MITSUBISHI-PS21964-4 Datasheet
179Kb / 10P
   600V/15A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com