Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS21962-4A Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # PS21962-4A
Description  600V/5A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PS21962-4A Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  PS21962-4A Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PS21962-4A Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PS21962-4A Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PS21962-4A Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PS21962-4A Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PS21962-4A Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PS21962-4A Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PS21962-4A Datasheet HTML 8Page - Mitsubishi Electric Semiconductor PS21962-4A Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
2.54 ±0.2
8-0.6
2.5 MIN
0.5
0.5
0.5
14
×2.54(=35.56)
HEAT SINK SIDE
18
3 MIN
2-R1.6
0.28
25
4-C1.2
Type name
Lot No.
QR
Code
TERMINAL CODE
1.
NC
2.
VUFB
3.
VVFB
4.
VWFB
5.
UP
6.
VP
7.
WP
8.
VP1
9.
VNC *
10. UN
11. VN
12. WN
13. VN1
14. FO
15. CIN
16. VNC *
17. NC
18. NC
19. NC
20. N
21. W
22. V
23. U
24. P
25. NC
HEAT SINK SIDE
1.5 ±0.05
3.5
B
0.8
(2.656)
(2.756)
(1.2)
DETAIL A
DETAIL B
0.28
1.778 ±0.2
35 ±0.3
20
×1.778(=35.56)
38 ±0.5
17
1
A
16-0.5
0.5
1.5 MIN
PS21962-4
INTEGRATED POWER FUNCTIONS
600V/5A low-loss 5th generation IGBT inverter bridge for
three phase DC-to-AC power conversion
APPLICATION
AC100V~200V three-phase inverter drive for small power motor control.
Fig. 1 PACKAGE OUTLINES (PS21962-4)
MITSUBISHI SEMICONDUCTOR <Dual-In-Line Package Intelligent Power Module>
PS21962-4/-4A/-4C/-4W
TRANSFER-MOLD TYPE
INSULATED TYPE
INTEGRATED DRIVE, PROTECTION AND SYSTEM CONTROL FUNCTIONS
• For upper-leg IGBTS :Drive circuit, High voltage high-speed level shifting, Control supply under-voltage (UV) protection.
• For lower-leg IGBTS : Drive circuit, Control supply under-voltage protection (UV), Short circuit protection (SC).
• Fault signaling : Corresponding to an SC fault (Lower-leg IGBT) or a UV fault (Lower-side supply).
• Input interface : 3V, 5V line (High Active).
•UL Approved : Yellow Card No. E80276
Dimensions in mm
*) Two VNC terminals (9 & 16 pin) are connected inside DIP-IPM, please connect either one to the 15V power supply GND outside and
leave another one open.
Aug. 2007


Similar Part No. - PS21962-4A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21962-4A MITSUBISHI-PS21962-4A Datasheet
185Kb / 10P
   Dual-In-Line Package Intelligent Power Module
More results

Similar Description - PS21962-4A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21962-S MITSUBISHI-PS21962-S Datasheet
92Kb / 8P
   600V/5A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21962-ST MITSUBISHI-PS21962-ST_09 Datasheet
131Kb / 8P
   600V/5A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion.
PS21962-T MITSUBISHI-PS21962-T_09 Datasheet
185Kb / 10P
   600V/5A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21962-4S MITSUBISHI-PS21962-4S Datasheet
130Kb / 8P
   600V/5A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21962-A MITSUBISHI-PS21962-A Datasheet
131Kb / 10P
   600V/5A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21962-ST MITSUBISHI-PS21962-ST Datasheet
134Kb / 8P
   600V/5A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21962-T MITSUBISHI-PS21962-T Datasheet
183Kb / 10P
   00V/5A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21963-4 MITSUBISHI-PS21963-4 Datasheet
179Kb / 10P
   600V/10A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21964-ST MITSUBISHI-PS21964-ST Datasheet
134Kb / 8P
   600V/15A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21964-4 MITSUBISHI-PS21964-4 Datasheet
179Kb / 10P
   600V/15A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com