Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PS21869-P-AP Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part No. PS21869-P-AP
Description  600V/50A CSTBT inverter bridge for three phase DC-to-AC power conversion
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PS21869-P-AP Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  PS21869-P-AP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PS21869-P-AP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PS21869-P-AP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PS21869-P-AP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PS21869-P-AP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PS21869-P-AP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PS21869-P-AP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PS21869-P-AP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor PS21869-P-AP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MITSUBISHI SEMICONDUCTOR <Dual-In-Line Package Intelligent Power Module>
PS21869-P/AP
TRANSFER-MOLD TYPE
INSULATED TYPE
Jul. 2005
PS21869
INTEGRATED POWER FUNCTIONS
600V/50A CSTBT inverter bridge for three phase
DC-to-AC power conversion
APPLICATION
AC100V~200V inverter drive for small power motor control.
Fig. 1 PACKAGE OUTLINES
MITSUBISHI SEMICONDUCTOR <Dual-In-Line Package Intelligent Power Module>
PS21869-P/AP
TRANSFER-MOLD TYPE
INSULATED TYPE
INTEGRATED DRIVE, PROTECTION AND SYSTEM CONTROL FUNCTIONS
• For upper-leg IGBTS :Drive circuit, High voltage isolated high-speed level shifting, Control supply under-voltage (UV) protection.
• For lower-leg IGBTS : Drive circuit, Control supply under-voltage protection (UV), Short circuit protection (SC).
• Fault signaling : Corresponding to an SC fault (Lower-leg IGBT) or a UV fault (Lower-side supply).
• Input interface : 3, 5V line CMOS/TTL compatible. (High Active)
• UL Approved : Yellow Card No. E80276
(Short-pin type : PS21869-P)
Refer Fig. 6 for long-pin type : PS21869-AP.
TERMINAL CODE
1.
UP
2.
VP1
3.
VUFB
4.
VUFS
5.
VP
6.
VP1
7.
VVFB
8.
VVFS
9.
WP
10. VP1
11. VPC
12. VWFB
13. VWFS
14. VN1
15. VNC
16. CIN
17. CFO
18. FO
19. UN
20. VN
21. WN
22. P
23. U
24. V
25. W
26. N
DUMMY TERMINAL CODE
27. VPC
28. UPG
29. P
30. VPC
31. VPG
32. U
33. WPG
34. V
35. UNG
36. VNC
37. VNO
38. WNG
39. VNG
40. W
41. P
2-
φ4.5±0.2
41
40
39
38
37
36
24
6
8
21
20
19
18
17
16
15
14
35
34
32
29
13
33
12
11
10
9
31
7
30
5
28
3
27
Type name , Lot No.
26
1
22
23
24
25
1±0.2
C0.2
C
0.2
(2.5)
0.8±0.2
(3.8)
1MIN
1±0.2
0.7±0.2
0.7±0.2
0.8±0.2
0.45±0.2
0.45±0.2
0.8±0.2
0.45±0.2
HEAT SINK SIDE
HEAT SINK SIDE
B
A
D
D
C
3.8±0.2
2.5
1 MIN
D
D
(2.2)
(0.6)
(1.5)
(2)
20±0.3
10±0.3
10±0.3
10±0.3
8.5±0.3
(0.6)
(1.5)
(2)
79±0.5
67±0.3
2.8±0.3
(8.5)(2.4)
(2.5)
(2.4)
27
×2.8(=75.6)
(14.4)
(17.6)
DETAIL C (2 parts)
All outer lead terminals are with Pb-free solder (Sn-Cu) plating.
DETAIL A (5 pins t = 0.7)
DETAIL B (21 pins t = 0.7)
DETAIL D (5 parts)
TERMINAL 22, 26
OTHER TERMINAL
OTHER TERMINAL
TERMINAL 1-2, 20-21
Dimensions in mm


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn