Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ1CY1032ZP Datasheet(PDF) 2 Page - Sharp Corporation

Part # PQ1CY1032ZP
Description  TO-263 Surface Mount Type Chopper Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ1CY1032ZP Datasheet(HTML) 2 Page - Sharp Corporation

  PQ1CY1032ZP Datasheet HTML 1Page - Sharp Corporation PQ1CY1032ZP Datasheet HTML 2Page - Sharp Corporation PQ1CY1032ZP Datasheet HTML 3Page - Sharp Corporation PQ1CY1032ZP Datasheet HTML 4Page - Sharp Corporation PQ1CY1032ZP Datasheet HTML 5Page - Sharp Corporation PQ1CY1032ZP Datasheet HTML 6Page - Sharp Corporation PQ1CY1032ZP Datasheet HTML 7Page - Sharp Corporation PQ1CY1032ZP Datasheet HTML 8Page - Sharp Corporation PQ1CY1032ZP Datasheet HTML 9Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PQ1CY1032Z
Parameter
Symbol
Conditions
VSAT
Vref
∆Vref
|RegL|
|RegI|
η
fO
IL
Unit
MAX.
TYP.
MIN.
−−
1.235
135
0.7
0.8
0.9
3.6
ISW
=3A
Tj
=0 to 125˚C
IO
=0.5 to 3A
VIN
=8 to 35V
IO
=3A
1.4
1.26
±0.5
0.2
1
80
150
±2
4.2
1.8
1.285
1.5
2.5
165
5.8
(Unless otherwise specified, condition shall be VIN
=12V, IO=0.5A, VO=5V, Vsoft terminal=0.1µF, Ta=25˚C)
V
V
%
%
%
%
kHz
%
V
3.8
4.6
5.5
V
140
400
µA
816
mA
A
Output saturation voltage
Reference voltage
Reference voltage temperature fluctuation
Load regulation
Line regulation
Efficiency
Oscillation frequency
Oscillation frequency temperature fluctuation
Overcurrent detection level
ON threshold voltage
Stand-by current
Output OFF-state consumption current
∆fO
Tj
=0 to 125˚C
ICHG
−10
µA
1.3
V
2.3
V
Charge current
VTH(ON)
VTHIL
Input threshold voltage
VTHH
VTHL
ISD
IQS
Overcurrent shutdown threshold voltage
VIN
=40V, terminal=0.9V
Duty ratio
=100%, terminals is open, terminal
terminal
=0V, terminal
VIN
=40V, terminal=0V
Duty ratio
=0%, terminal=0V, terminal
,
terminals is open,
terminal
4
2
5
5
4
5
4
4
5
terminal
5
5
5
s Electrical Characteristics
12
L
D
5
3
4
PQ1CY1032Z
5 terminal
R1
R2
IO
ISD
IQS
ICHG
VO
CO
CIN
VIN
+
+
45
µH
1 000
µF
220
µF
LOW
HIGH
OPEN
VO output
OFF
ON
ON
1k
A
VIN
A
A
Load
L : HK-10S100-4500 (made by Toho Co.)
D :ERC80-004 (made by Fuji electronics Co.)
Fig.1
Standard Test Circuit


Similar Part No. - PQ1CY1032ZP

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ1CY1032ZPH SHARP-PQ1CY1032ZPH Datasheet
164Kb / 6P
   Maximum switching current: 3.5A
More results

Similar Description - PQ1CY1032ZP

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ1CY1032ZXH SHARP-PQ1CY1032ZXH Datasheet
163Kb / 6P
   To-263 Surface Mount Type Chopper Regulator
PQ1CYXX3LZPH SHARP-PQ1CYXX3LZPH Datasheet
138Kb / 5P
   To-263 Surface Mount Type Chopper Regulator
PQ1CZ1T SHARP-PQ1CZ1T Datasheet
79Kb / 8P
   Surface Mount Type Chopper Regulator
PQ1CZ1 SHARP-PQ1CZ1 Datasheet
79Kb / 8P
   Surface Mount Type Chopper Regulator
PQ1CG3032FZ SHARP-PQ1CG3032FZ Datasheet
90Kb / 8P
   TO 220 TYPE CHOPPER REGULATOR
PQ1CG2032FZH SHARP-PQ1CG2032FZH Datasheet
147Kb / 5P
   TO-220 Type Chopper Regulator
logo
IRC - a TT electronics ...
TFP-SMHP25LF-10R0-J IRCTT-TFP-SMHP25LF-10R0-J Datasheet
367Kb / 3P
   Surface Mount TO-263 25W Power Resistor
logo
National Semiconductor ...
MKT-TS15B NSC-MKT-TS15B Datasheet
41Kb / 1P
   TO-263, MOLDED, 15 LEAD, SURFACE MOUNT
logo
List of Unclassifed Man...
TO-263-5 ETC-TO-263-5 Datasheet
138Kb / 1P
   5-Lead TO-263 Plastic Surface Mount Package
logo
Bi technologies
SMHP BITECH-SMHP Datasheet
799Kb / 2P
   20W TO-263 HIGH POWER SURFACE MOUNT RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com