Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIIPM50G06A004X Datasheet(PDF) 1 Page - International Rectifier

Part # PIIPM50G06A004X
Description  Programmable Isolated IPM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PIIPM50G06A004X Datasheet(HTML) 1 Page - International Rectifier

  PIIPM50G06A004X Datasheet HTML 1Page - International Rectifier PIIPM50G06A004X Datasheet HTML 2Page - International Rectifier PIIPM50G06A004X Datasheet HTML 3Page - International Rectifier PIIPM50G06A004X Datasheet HTML 4Page - International Rectifier PIIPM50G06A004X Datasheet HTML 5Page - International Rectifier PIIPM50G06A004X Datasheet HTML 6Page - International Rectifier PIIPM50G06A004X Datasheet HTML 7Page - International Rectifier PIIPM50G06A004X Datasheet HTML 8Page - International Rectifier PIIPM50G06A004X Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
www.irf.com
1
Bulletin I27146 01/03
PIIPM50P12B004
Programmable Isolated IPM
PI-IPM Features:
Power Module:
NPT IGBTs 50A, 1200V
10us Short Circuit capability
Square RBSOA
Low Vce(on) (2.15Vtyp @ 50A, 25°C)
Positive Vce(on) temperature coefficient
Gen III HexFred Technology
Low diode VF (1.78Vtyp @ 50A, 25°C)
Soft reverse recovery
2m
Ω sensing resistors on all phase outputs and DCbus
minus rail
T/C < 50ppm/°C
Embedded driving board
Programmable 40 Mips DSP
Current sensing feedback from all phases
Full protection from ground and line
to line faults
UVLO, OVLO on DCbus voltage
Embedded flyback smps for floating
stages (single 15Vdc @ 300mA input required)
Asynchronous isolated 2.5Mbps serial port for
DSP communication and programming
IEEE standard 1149.1 (JTAG port interface)
for program downloading and debugging
Separated turn on / turn off outputs for
IGBTs di/dt control
Isolated serial port input with strobe signal for
quadrature encoders or SPI communication
Description
The PIIPM50P12B004 is a fully integrated Intelligent Power
Module for high performances Servo Motor Driver applications.
The device core is a state of the art DSP, the
TMS320LF2406A* at 40 Mips, interfaced with a full set of
peripheral designed to handle all analog feedback and control
signals needed to correctly manage the power section of the
device.
The PI-IPM has been designed and tailored to implement
internally all functions needed to close the current loop of a
high performances servo motor driver, a basic software is
already installed in the DSP and the JTAG connector allows
the user to easily develop and download its own proprietary
algorithm.
The device comes in the EMP
TM package, fully compatible in
length, width and height with the popular EconoPack 2 outline.
Package:
PI-IPM – Inverter (EconoPack 2 outline compatible)
Power Module schematic:
Three phase inverter with current sensing
resistors on all output phases
PI-IPM System Block Schematic:
*Beta samples come with the TMS320LF2406 at 30Mips, please refer to TI datasheet
for further information about performances.


Similar Part No. - PIIPM50G06A004X

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PIIPM15P12D007 IRF-PIIPM15P12D007 Datasheet
1Mb / 25P
   Programmable Isolated IPM
PIIPM25P12B008 IRF-PIIPM25P12B008 Datasheet
1,002Kb / 28P
   NPT IGBTs 25A, 1200V
More results

Similar Description - PIIPM50G06A004X

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PIIPM15P12D007 IRF-PIIPM15P12D007 Datasheet
1Mb / 25P
   Programmable Isolated IPM
logo
Inventronics Inc.
NEL-1K0SXXXMX INVENTRONICS-NEL-1K0SXXXMX Datasheet
888Kb / 15P
   Non-isolated 1000W Programmable Driver
Rev.A
logo
Burr-Brown (TI)
ISO164 BURR-BROWN-ISO164 Datasheet
194Kb / 8P
   Precision, Isolated PROGRAMMABLE GAIN AMPLIFIER
logo
Fuji Electric
7MBP50TEA060 FUJI-7MBP50TEA060 Datasheet
344Kb / 9P
   Econo IPM series IGBT-IPM
logo
Analog Devices
1B22 AD-1B22_15 Datasheet
230Kb / 4P
   Programmable, Isolated Voltage-to-Current Converter
REV. B
logo
Delta Electronics, Inc.
IPM12C0A0R04FA DELTA-IPM12C0A0R04FA_14 Datasheet
666Kb / 16P
   Delphi Series IPM, Non-Isolated, Integrated Point-of-Load Power Modules
logo
Analog Devices
1B22 AD-1B22 Datasheet
232Kb / 4P
   Programmable, Isolated Voltage-to-Current Converter
REV. B
logo
Fuji Electric
4MBP75RA060 FUJI-4MBP75RA060 Datasheet
4Mb / 15P
   IGBT-IPM
logo
ON Semiconductor
STK531U394A-E ONSEMI-STK531U394A-E Datasheet
271Kb / 13P
   Inverter IPM
February 2015 - Rev.1
logo
Fuji Electric
6MBP100RTJ060 FUJI-6MBP100RTJ060 Datasheet
1Mb / 22P
   IGBT - IPM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com