Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TND315S Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # TND315S
Description  ExPD (Excellent Power Device) General Purpose Driver for PDP Sustain Pulse Drive, Motor Drive
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

TND315S Datasheet(HTML) 1 Page - Sanyo Semicon Device

  TND315S Datasheet HTML 1Page - Sanyo Semicon Device TND315S Datasheet HTML 2Page - Sanyo Semicon Device TND315S Datasheet HTML 3Page - Sanyo Semicon Device TND315S Datasheet HTML 4Page - Sanyo Semicon Device TND315S Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TND315S
No. A0421-1/5
Features
Dual buffer.
Monolithic structure (High voltage CMOS process adopted).
Withstand voltage of 25V is assured.
Wide range of operating voltage : 4.5V to 25V.
Peak output current : 1A.
Fast switching time (30ns typical at 1000pF load).
Fully compatible input to TTL / CMOS (VIH=up to 2.6V, at VDD=4.5 to 25V).
Built-in input pull-down resistance.
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply Voltage
VDD
0 to 25
V
Input Voltage
VIN
GND--0.3 to VDD+0.3
V
Allowable Power Dissipation
PD max
0.3
W
Junction Temperature
Tj
--55 to +150
°C
Storage Temperature
Tstg
--55 to +150
°C
Recommended Operating Conditions at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Operating Supply Voltage
VDD
4.5 to 25
V
Operating Temperature
Topr
--40 to +125
°C
Electrical Characteristics (AC Characteristics) at Ta=25°C, VDD=18V, VIN=5V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Turn-On Rise Time
tr
CL=1000pF
30
45
ns
Turn-Off Fall Time
tf
CL=1000pF
30
45
ns
Delay Time
tD1CL=1000pF
30
45
ns
tD2CL=1000pF
45
60
ns
SANYO Semiconductors
DATA SHEET
D0606IP TI IM TB-00001537
Any and all SANYO Semiconductor products described or contained herein do not have specifications
that can handle applications that require extremely high levels of reliability, such as life-support systems,
aircraft's control systems, or other applications whose failure can be reasonably expected to result in
serious physical and/or material damage. Consult with your SANYO Semiconductor representative
nearest you before using any SANYO Semiconductor products described or contained herein in such
applications.
SANYO Semiconductor assumes no responsibility for equipment failures that result from using products
at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
products described or contained herein.
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
TND315S
ExPD (Excellent Power Device)
General Purpose Driver for PDP Sustain Pulse Drive, Motor Drive,
Switching Power Supply, and DC / DC Converter Applications
Ordering number : ENA0421


Similar Part No. - TND315S

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TND315S ONSEMI-TND315S Datasheet
302Kb / 8P
   Excellent Power Device
August, 2013
More results

Similar Description - TND315S

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
TND311S SANYO-TND311S Datasheet
48Kb / 5P
   ExPD (Excellent Power Device) General Purpose Driver for PDP Sustain Pulse Drive, Motor Drive
TND323VD SANYO-TND323VD Datasheet
49Kb / 5P
   ExPD (Excellent Power Device) General Purpose Driver for PDP Sustain Pulse Drive, Motor Drive
TND312S SANYO-TND312S Datasheet
48Kb / 5P
   ExPD (Excellent Power Device) General Purpose Driver for PDP Sustain Pulse Drive, Motor Drive
TND313S SANYO-TND313S Datasheet
49Kb / 5P
   ExPD (Excellent Power Device) General Purpose Driver for PDP Sustain Pulse Drive, Motor Drive
TND322VD SANYO-TND322VD Datasheet
48Kb / 5P
   ExPD (Excellent Power Device) General Purpose Driver for PDP Sustain Pulse Drive, Motor Drive
TND316S SANYO-TND316S Datasheet
49Kb / 5P
   ExPD (Excellent Power Device) General Purpose Driver for PDP Sustain Pulse Drive, Motor Drive
TND314S SANYO-TND314S Datasheet
48Kb / 5P
   ExPD (Excellent Power Device) General Purpose Driver for PDP Sustain Pulse Drive, Motor Drive
TND321VD SANYO-TND321VD Datasheet
48Kb / 5P
   ExPD (Excellent Power Device) General Purpose Driver for PDP Sustain Pulse Drive, Motor Drive
TND304S SANYO-TND304S Datasheet
37Kb / 4P
   General Purpose Driver for PDP Sustain Pulse Drive, Motor Drive Switching Power Supply, DC / DC Converter Applications
TND332ST SANYO-TND332ST Datasheet
270Kb / 5P
   General Purpose Driver for PDP Sustain Pulse Drive, Motor Drive, Switching Power Supply, and DC / DC Converter Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com