Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TND313S Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # TND313S
Description  ExPD (Excellent Power Device) General Purpose Driver for PDP Sustain Pulse Drive, Motor Drive
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

TND313S Datasheet(HTML) 2 Page - Sanyo Semicon Device

  TND313S Datasheet HTML 1Page - Sanyo Semicon Device TND313S Datasheet HTML 2Page - Sanyo Semicon Device TND313S Datasheet HTML 3Page - Sanyo Semicon Device TND313S Datasheet HTML 4Page - Sanyo Semicon Device TND313S Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TND313S
No. A0418-2/5
Electrical Characteristics (DC Characteristics) at Ta=25°C, VDD=4.5 to 25V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Logic “1” Input Voltage
VIH
2.6
V
Logic “0” Input Voltage
VIL
0.8
V
Logic “1” Input Bias Current
IIN+VIN=VDD=25V
20
55
µA
Logic “0” Input Bias Current
IIN--
VIN=0V or VDD
--1
1
µA
High Level Output Voltage
VOH
IO=0A
VDD--0.1
V
Low Level Output Voltage
VOL
IO=0A
0.1
V
VDD Supply Current
Isupp
VDD=10V, VIN=3V, (both inputs)
1.0
4.5
mA
VDD=10V, VIN=0V, (both inputs)
0.2
mA
Output High Short Circuit Pulse Current
IO+VDD=18V, PW≤10µs, VOUT=0V
2.0
A
Output Low Short Circuit Pulse Current
IO--
VDD=18V, PW≤10µs, VOUT=18V
2.0
A
Output On Resistance
ROUT
VDD=18V, Iload=10mA, VOUT=“H”
4
6
VDD=18V, Iload=10mA, VOUT=“L”
3
5
Package Dimensions
unit : mm (typ)
7005-007
Block Diagram
14
5
8
5.0
0.595
1.27
0.2
0.43
1 : NC
2 : IN A
3 : GND
4 : IN B
5 : OUT B
6 : VDD
7 : OUT A
8 : NC
SANYO : SOP8
VDD
IN
OUT
INVERTING
NON-INVERTING
GND


Similar Part No. - TND313S

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
TND311S SANYO-TND311S Datasheet
48Kb / 5P
   ExPD (Excellent Power Device) General Purpose Driver for PDP Sustain Pulse Drive, Motor Drive
TND312S SANYO-TND312S Datasheet
48Kb / 5P
   ExPD (Excellent Power Device) General Purpose Driver for PDP Sustain Pulse Drive, Motor Drive
TND314S SANYO-TND314S Datasheet
48Kb / 5P
   ExPD (Excellent Power Device) General Purpose Driver for PDP Sustain Pulse Drive, Motor Drive
logo
ON Semiconductor
TND314S ONSEMI-TND314S Datasheet
318Kb / 8P
   Excellent Power Device
August, 2013
logo
Sanyo Semicon Device
TND315S SANYO-TND315S Datasheet
48Kb / 5P
   ExPD (Excellent Power Device) General Purpose Driver for PDP Sustain Pulse Drive, Motor Drive
More results

Similar Description - TND313S

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
TND315S SANYO-TND315S Datasheet
48Kb / 5P
   ExPD (Excellent Power Device) General Purpose Driver for PDP Sustain Pulse Drive, Motor Drive
TND311S SANYO-TND311S Datasheet
48Kb / 5P
   ExPD (Excellent Power Device) General Purpose Driver for PDP Sustain Pulse Drive, Motor Drive
TND323VD SANYO-TND323VD Datasheet
49Kb / 5P
   ExPD (Excellent Power Device) General Purpose Driver for PDP Sustain Pulse Drive, Motor Drive
TND312S SANYO-TND312S Datasheet
48Kb / 5P
   ExPD (Excellent Power Device) General Purpose Driver for PDP Sustain Pulse Drive, Motor Drive
TND322VD SANYO-TND322VD Datasheet
48Kb / 5P
   ExPD (Excellent Power Device) General Purpose Driver for PDP Sustain Pulse Drive, Motor Drive
TND316S SANYO-TND316S Datasheet
49Kb / 5P
   ExPD (Excellent Power Device) General Purpose Driver for PDP Sustain Pulse Drive, Motor Drive
TND314S SANYO-TND314S Datasheet
48Kb / 5P
   ExPD (Excellent Power Device) General Purpose Driver for PDP Sustain Pulse Drive, Motor Drive
TND321VD SANYO-TND321VD Datasheet
48Kb / 5P
   ExPD (Excellent Power Device) General Purpose Driver for PDP Sustain Pulse Drive, Motor Drive
TND304S SANYO-TND304S Datasheet
37Kb / 4P
   General Purpose Driver for PDP Sustain Pulse Drive, Motor Drive Switching Power Supply, DC / DC Converter Applications
TND332ST SANYO-TND332ST Datasheet
270Kb / 5P
   General Purpose Driver for PDP Sustain Pulse Drive, Motor Drive, Switching Power Supply, and DC / DC Converter Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com