Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIIPM50E06D004 Datasheet(PDF) 11 Page - International Rectifier

Part # PIIPM50E06D004
Description  Programmable Isolated IPM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PIIPM50E06D004 Datasheet(HTML) 11 Page - International Rectifier

Back Button PIIPM50E06D004 Datasheet HTML 7Page - International Rectifier PIIPM50E06D004 Datasheet HTML 8Page - International Rectifier PIIPM50E06D004 Datasheet HTML 9Page - International Rectifier PIIPM50E06D004 Datasheet HTML 10Page - International Rectifier PIIPM50E06D004 Datasheet HTML 11Page - International Rectifier PIIPM50E06D004 Datasheet HTML 12Page - International Rectifier PIIPM50E06D004 Datasheet HTML 13Page - International Rectifier PIIPM50E06D004 Datasheet HTML 14Page - International Rectifier PIIPM50E06D004 Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
www.irf.com
11
PIIPM50P12B004
I27146 01/03
General Description
The PI-IPM is a new generation of Intelligent
Power
Module
designed
specifically
to
implement itself a complete motor driver system.
The device contains all peripherals needed to
control a six IGBTs inverter, including voltage,
temperature
and
current
output
sensing,
completely interfaced with a 40Mips DSP, the
TMS320LF2406A from Texas Instruments. All
communication between the DSP and the local
host, including DSP software installing and
debugging, is realized through an asynchronous
isolated serial port (SCI), an isolated port for
incremental encoder inputs or synchronous serial
port communication (SPI) is also provided
making
this
module
a
complete
user
programmable solution connected to the system
only through a serial link cable.
System Description
The PI-IPM is realized in two distinct parts: the
Power Module “EMP” and the Embedded
Driving Board “EDB,” these two elements
assembled together constitute the complete
device with all performances described in the
following.
The complete block schematic showing all
functions implemented in the product is
represented on the System Block Schematic on
page 1. The new module concept includes
everything depicted within the dotted line, the
EMP power module includes IGBTs, Diodes and
Sensing Resistors while all remaining electronics
is assembled on the EDB that is fitted on the top
of it as a cover with also mechanical protective
functions.
Connections between the two parts are realized
through a single-in-line connector and the EDB
only, without disassembling the power module
from the system mechanic, can be easily
substituted “at the factory” for an upgrade, a
system configuration change (different control
architecture) or a board replacement. Also
software upgrades are possible but this does not
even require any hardware changes thanks to the
DSP programmability through the serial or JTAG
ports.
THE “EMPTM” POWER MODULE
This module contains six IGBTs + HexFreds
Diodes in a standard inverter configuration.
IGBTs used are the new NPT 1200V-50A
(current rating measured @ 100C), generation V
from International Rectifier; the HexFred diodes
have been designed specifically as pair elements
for these power transistors. Thanks to the new
design and technologic realization, this gen V
devices do not need any negative gate voltage for
their complete turn off and the tail effect is also
substantially reduced compared to competitive
devices of the same family. This feature
simplifies the gate driving stage that will be
described in a dedicated chapter. Another not
standard feature in this type of power modules is
the presence of sensing resistors in the three
output phases, for precise motor current sensing
and short circuit protections, as well as another
resistor of the same value in the DC bus minus
line, needed only for device protections purposes.
A complete schematic of the EMP module is
shown on page 1 where sensing resistors have
been clearly evidenced, a thermal sensor is also
embedded and directly coupled with the DSP
inputs.
The package chosen is mechanically compatible
with the well known EconoPack outline, also the
height of the plastic cylindrical nuts for the
external PCB positioned on its top is the same, so
that, with the only re-layout of the main
motherboard, this module can fit into the same
mechanical fixings of the standard Econo II
package thus speeding up the device evaluation
in an already existing driver.
An important feature of this new device is the
presence of Kelvin points for all feedback and
command signals between the board and the
module with the advantage of having all emitter
and resistor sensing independent from the power
path. The final benefit is that all low power
signal from/to the controlling board are
unaffected by parasitic inductances or resistances
inevitably present in the module power layout.


Similar Part No. - PIIPM50E06D004

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PIIPM15P12D007 IRF-PIIPM15P12D007 Datasheet
1Mb / 25P
   Programmable Isolated IPM
PIIPM25P12B008 IRF-PIIPM25P12B008 Datasheet
1,002Kb / 28P
   NPT IGBTs 25A, 1200V
More results

Similar Description - PIIPM50E06D004

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PIIPM15P12D007 IRF-PIIPM15P12D007 Datasheet
1Mb / 25P
   Programmable Isolated IPM
logo
Inventronics Inc.
NEL-1K0SXXXMX INVENTRONICS-NEL-1K0SXXXMX Datasheet
888Kb / 15P
   Non-isolated 1000W Programmable Driver
Rev.A
logo
Burr-Brown (TI)
ISO164 BURR-BROWN-ISO164 Datasheet
194Kb / 8P
   Precision, Isolated PROGRAMMABLE GAIN AMPLIFIER
logo
Fuji Electric
7MBP50TEA060 FUJI-7MBP50TEA060 Datasheet
344Kb / 9P
   Econo IPM series IGBT-IPM
logo
Analog Devices
1B22 AD-1B22_15 Datasheet
230Kb / 4P
   Programmable, Isolated Voltage-to-Current Converter
REV. B
logo
Delta Electronics, Inc.
IPM12C0A0R04FA DELTA-IPM12C0A0R04FA_14 Datasheet
666Kb / 16P
   Delphi Series IPM, Non-Isolated, Integrated Point-of-Load Power Modules
logo
Analog Devices
1B22 AD-1B22 Datasheet
232Kb / 4P
   Programmable, Isolated Voltage-to-Current Converter
REV. B
logo
Fuji Electric
4MBP75RA060 FUJI-4MBP75RA060 Datasheet
4Mb / 15P
   IGBT-IPM
logo
ON Semiconductor
STK531U394A-E ONSEMI-STK531U394A-E Datasheet
271Kb / 13P
   Inverter IPM
February 2015 - Rev.1
logo
Fuji Electric
6MBP100RTJ060 FUJI-6MBP100RTJ060 Datasheet
1Mb / 22P
   IGBT - IPM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com