Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TN5D51 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # TN5D51
Description  ExPD (Excellent-Performance Power & RF Device) Separately-Excited Step-Down Switching Regulator (12V Output type)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

TN5D51 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  TN5D51 Datasheet HTML 1Page - Sanyo Semicon Device TN5D51 Datasheet HTML 2Page - Sanyo Semicon Device TN5D51 Datasheet HTML 3Page - Sanyo Semicon Device TN5D51 Datasheet HTML 4Page - Sanyo Semicon Device TN5D51 Datasheet HTML 5Page - Sanyo Semicon Device TN5D51 Datasheet HTML 6Page - Sanyo Semicon Device TN5D51 Datasheet HTML 7Page - Sanyo Semicon Device TN5D51 Datasheet HTML 8Page - Sanyo Semicon Device TN5D51 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TN5D51
No. A0865-5/11
Evaluation Board
[Circuit]
[Components]
Symbol
Component
Specification
Maker
Remark
F1
Fuse
4A
Littelfuse
452 004
C1A
Electrolytic Capacitor
1200µF / 80V
Nippon Chemi-Con Corp.
KZE
C1B
Electrolytic Capacitor
1200µF / 80V
Nippon Chemi-Con Corp.
KZE
C1C
Electrolytic Capacitor
1200µF / 80V
Nippon Chemi-Con Corp.
KZE
C2A
Electrolytic Capacitor
2200µF / 35V
Nippon Chemi-Con Corp.
KMG
C3
Film Capacitor
0.1µF / 100V
Matsushita Electronic Components Corp.
ECQ-B
C4
N.C.
C5
N.C.
C6
Ceramic Capacitor
1000pF
Murata Manufacturing Co., Ltd
R1
Jumper Line
R2
N.C.
R3
Metal Oxide Film Resistor
47Ω / 2W
Matsushita Electronic Components Corp.
L1
Choke Coil
HK-10S100-1010
TOHO ZINC CO.,LTD
100µH
D1
Schottky Barrier Diode
SBT250-06J
SANYO Semiconductor Co., Ltd
+
+
VIN
GND
GND
IT12638
VOUT
1
C1A
FUSE
F1
IC1
C3
C6
R3
C2A
L1
D1
5
23 4
+
C1B
+
C1C
R1
R2
C5
C4


Similar Part No. - TN5D51

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
TN5D51A SANYO-TN5D51A Datasheet
147Kb / 11P
   ExPD (Excellent-Performance Power & RF Device) Separately-Excited Step-Down Switching Regulator (12V Output type)
More results

Similar Description - TN5D51

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
TN7D51 SANYO-TN7D51 Datasheet
282Kb / 11P
   ExPD (Excellent-Performance Power & RF Device) Separately-Excited Step-Down Switching Regulator (12V Output type)
TN5D51A SANYO-TN5D51A Datasheet
147Kb / 11P
   ExPD (Excellent-Performance Power & RF Device) Separately-Excited Step-Down Switching Regulator (12V Output type)
TN5D61A SANYO-TN5D61A Datasheet
135Kb / 11P
   ExPD (Excellent-Performance Power & RF Device) Separately-Excited Step-Down Switching Regulator (24V Output type)
TN5D41 SANYO-TN5D41 Datasheet
282Kb / 11P
   ExPD (Excellent-Performance Power & RF Device) Separately-Excited Step-Down Switching Regulator (5V Output type)
TN5D41A SANYO-TN5D41A Datasheet
148Kb / 11P
   ExPD (Excellent-Performance Power & RF Device) Separately-Excited Step-Down Switching Regulator (5V Output type)
TN8D41A SANYO-TN8D41A Datasheet
135Kb / 11P
   ExPD (Excellent-Performance Power & RF Device) Separately-Excited Step-Down Switching Regulator (5V Output type)
logo
ON Semiconductor
LA5724MC ONSEMI-LA5724MC Datasheet
158Kb / 6P
   Separately-Excited Step-Down Switching Regulator
August, 2013
LA5735MC ONSEMI-LA5735MC Datasheet
78Kb / 6P
   Separately-Excited Step-Down Switching Regulator
August, 2013
LA5779 ONSEMI-LA5779 Datasheet
62Kb / 4P
   Separately-excited Step-down Switching Regulator
August, 2013
logo
Sanyo Semicon Device
TN5D01A SANYO-TN5D01A_11 Datasheet
537Kb / 11P
   Separately-Excited Step-Down Switching Regulator (Variable Output Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com