Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI74AVC16244 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI74AVC16244
Description  2.5V 16-Bit Buffer Driver with 3-State Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74AVC16244 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI74AVC16244 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74AVC16244 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74AVC16244 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74AVC16244 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74AVC16244 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74AVC16244 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74AVC16244 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74AVC16244 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI74AVC16244 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
PI74AVC+16244
2.5V 16-Bit Buffer Driver
with 3-State Outputs
3
PS8507B
05/31/06
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
RecommendedOperatingConditions(1)
.
n
i
M.
x
a
Ms
t
i
n
U
V C
C
e
g
a
tl
o
V
y
l
p
p
u
S
g
n
it
a
r
e
p
O4
.
16
.
3
V
y
l
n
o
n
o
it
n
e
t
e
r
a
t
a
D2
.
1
V H
I
e
g
a
tl
o
V
t
u
p
n
I
l
e
v
e
l
-
h
g
i
H
V C
C
V
2
.
1
=V C
C
V C
C
V
6
.
1
o
t
V
4
.
1
=V
x
5
6
.
0
C
C
V C
C
V
5
9
.
1
o
t
V
5
6
.
1
=V
x
5
6
.
0
C
C
V C
C
V
7
.
2
o
t
V
3
.
2
=7
.
1
V C
C
V
6
.
3
o
t
V
3
=2
V L
I
e
g
a
tl
o
V
t
u
p
n
I
l
e
v
e
l
-
w
o
L
V C
C
V
2
.
1
=D
N
G
V C
C
V
6
.
1
o
t
V
4
.
1
=V
x
5
3
.
0
C
C
V C
C
V
5
9
.
1
o
t
V
5
6
.
1
=V
x
5
3
.
0
C
C
V C
C
V
7
.
2
o
t
V
3
.
2
=7
.
0
V C
C
V
6
.
3
o
t
V
3
=8
.
0
VI
e
g
a
tl
o
V
t
u
p
n
I
06
.
3
VO
e
g
a
tl
o
V
t
u
p
t
u
O
e
t
a
t
S
e
v
it
c
A0
V C
C
e
t
a
t
S
-
30
6
.
3
I S
H
O
t
n
e
r
r
u
c
t
u
p
t
u
o
l
e
v
e
l
-
h
g
i
H
V C
C
V
6
.
1
o
t
V
4
.
1
=4
A
m
V C
C
V
5
9
.
1
o
t
V
5
6
.
1
=6
V C
C
V
7
.
2
o
t
V
3
.
2
=2
1
V C
C
V
6
.
3
o
t
V
3
=4
2
I S
L
O
t
n
e
r
r
u
c
t
u
p
t
u
o
l
e
v
e
l
-
w
o
L
V C
C
V
6
.
1
o
t
V
4
.
1
=4
V C
C
V
5
9
.
1
o
t
V
5
6
.
1
=6
V C
C
V
7
.
2
o
t
V
3
.
2
=2
1
V C
C
V
6
.
3
o
t
V
3
=4
2
ΔtΔ
e
t
a
r
ll
a
f
r
o
e
s
i
r
n
o
it
i
s
n
a
r
t
t
u
p
n
I
v
V C
C
V
6
.
3
o
t
V
4
.
1
=5
V
/
s
n
TA
e
r
u
t
a
r
e
p
m
e
t
ri
a
-
e
e
r
f
g
n
it
a
r
e
p
O
0
4
–5
8C
°
Notes:
1. All unused inputs must be held at VCC or GND to ensure proper device operation.
06-0164


Similar Part No. - PI74AVC16244

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74AVC16244 PERICOM-PI74AVC16244 Datasheet
526Kb / 10P
   2.5V 16-Bit Buffer Driver with 3-State Outputs
PI74AVC16244A PERICOM-PI74AVC16244A Datasheet
526Kb / 10P
   2.5V 16-Bit Buffer Driver with 3-State Outputs
PI74AVC16244K PERICOM-PI74AVC16244K Datasheet
526Kb / 10P
   2.5V 16-Bit Buffer Driver with 3-State Outputs
More results

Similar Description - PI74AVC16244

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74AVC16244 PERICOM-PI74AVC16244 Datasheet
526Kb / 10P
   2.5V 16-Bit Buffer Driver with 3-State Outputs
logo
Texas Instruments
SN74AUC16240 TI-SN74AUC16240 Datasheet
307Kb / 6P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162244 TI-SN74ALVCH162244 Datasheet
123Kb / 9P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16244 TI-SN74ALVCH16244 Datasheet
138Kb / 9P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVCZ16244A TI-SN74LVCZ16244A Datasheet
96Kb / 7P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVC16244 HITACHI-HD74ALVC16244 Datasheet
51Kb / 11P
   16-bit Buffer / Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVCH16240 TI1-SN74ALVCH16240_14 Datasheet
521Kb / 15P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC16244A TI-SN74LVC16244A_06 Datasheet
463Kb / 16P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALB16244 TI-SN74ALB16244_08 Datasheet
360Kb / 13P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC16244A-Q1 TI1-SN74LVC16244A-Q1 Datasheet
125Kb / 8P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com