Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI5C32X384BE Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI5C32X384BE
Description  20-Bit, 2-Port Bus Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C32X384BE Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI5C32X384BE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C32X384BE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C32X384BE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5C32X384BE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5C32X384BE Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
PS7027G
05/11/06
Features
• Near-Zero propagation delay
• 5Ω switches connect inputs to outputs
• Direct bus connection when switches are ON
• Ultra-low quiescent power 32X384 (0.2µA typical)
– Ideally suited for notebook applications
• Packaging (Pb-free & Green Available):
– 48-pin 150-mil wide plastic BQSOP (B)
– 48-pin 240-mil wide plastic TSSOP (A)
PI5C32X384/32X384C
20-Bit, 2-Port Bus Switch
Block Diagram
Pin Configuration
Pin Description
Pin Name
Description
BEX
Bus Enable Inputs (Active LOW)
A19-A0
Bus A
B19-B0
Bus B
GND
Ground
VCC
Power
Description
Pericom Semiconductor’s PI5C32X384 and PI5C32X384C are
20-bit bus switches designed with a low On-Resistance allowing
inputs to be connected directly to outputs.The bus switch creates no
additional propagational delay or additional ground bounce noise.
The switches are turned ON by the Bus Enable (BE) input signal.
Four bus enable signals are provided, one for each of the upper
and lower five bits of the two 10-bit buses.
BEB
BEA
A19
A15
B19
B15
A4
A0
B4
B0
BED
BEC
A14
A10
B14
B10
A9
A5
B9
B5
��
���
��
���
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
06-0237


Similar Part No. - PI5C32X384BE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C32X384BE PERICOM-PI5C32X384BE Datasheet
327Kb / 5P
   20-Bit, 2-Port Bus Switch
More results

Similar Description - PI5C32X384BE

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO3B16861A POTATO-PO3B16861A Datasheet
548Kb / 6P
   20-Bit, 2-Port Bus Switch
logo
Pericom Semiconductor C...
PI5C16861 PERICOM-PI5C16861 Datasheet
374Kb / 5P
   20-Bit, 2-Port Bus Switch
PI5C16210 PERICOM-PI5C16210 Datasheet
78Kb / 6P
   20-Bit, 2-Port Bus Switch
PI5C32X384 PERICOM-PI5C32X384 Datasheet
327Kb / 5P
   20-Bit, 2-Port Bus Switch
PI5C16861 PERICOM-PI5C16861_10 Datasheet
519Kb / 4P
   20-Bit, 2-Port Bus Switch
logo
Potato Semiconductor Co...
PO3B16861A POTATO-PO3B16861A_14 Datasheet
1,007Kb / 5P
   20-Bit, 2-Port Bus Switch
logo
Pericom Semiconductor C...
PI5C16862C PERICOM-PI5C16862C Datasheet
129Kb / 4P
   20-Bit, 2-Port Bus Switch with Undershoot Protection
PI5C162862C PERICOM-PI5C162862C Datasheet
324Kb / 3P
   20-Bit, 2-Port Bus Switch with Undershoot Protection
PI3C16210 PERICOM-PI3C16210 Datasheet
304Kb / 4P
   3.3V, High Bandwidths 20-Bit, 2-Port Bus Switch
logo
STMicroelectronics
B5S16861 STMICROELECTRONICS-B5S16861 Datasheet
189Kb / 10P
   20-BIT TWO PORT BUS SWITCH
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com