Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRFU3709PBF Datasheet(PDF) 6 Page - International Rectifier

Part No. IRFU3709PBF
Description  HEXFET®Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo 

IRFU3709PBF Datasheet(HTML) 6 Page - International Rectifier

   
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IRFU3709PbF
6
www.irf.com
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
VGS
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
RG
IAS
0.01
tp
D.U.T
L
VDS
+
-
VDD
DRIVER
A
15V
20V
25
50
75
100
125
150
0
200
400
600
800
1000
1200
Starting T , Junction Temperature( C)
J
°
ID
TOP
BOTTOM
13A
19A
30A


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SFR9220Advanced Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
ADP3118Dual Bootstrapped 12 V MOSFET Driver with Output Disable 1 2 3 4 5 MoreAnalog Devices
NTK3134NPower MOSFET 20 V 890 mA Single N−Channel with ESD Protection SOT−723 1 2 3 4 5 ON Semiconductor
IRF3709ZPBFHEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRLR120HEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IXTP02N50DHigh Voltage MOSFET N-Channel Depletion Mode 1 2 IXYS Corporation
IRF6622DirectFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
2SK3613-01N-CHANNEL SILICON POWER MOSFET 1 2 3 4 Fuji Electric
SI6955ADQDual P-Channel 30-V D-S MOSFET 1 2 3 Vishay Siliconix
IRF8010SPBFHEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn