Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRFU3709PBF Datasheet(PDF) 5 Page - International Rectifier

Part No. IRFU3709PBF
Description  HEXFET®Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo 

IRFU3709PBF Datasheet(HTML) 5 Page - International Rectifier

   
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
IRFU3709PbF
www.irf.com
5
Fig 10a. Switching Time Test Circuit
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
Fig 10b. Switching Time Waveforms
VDS
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1 %
RD
VGS
RG
D.U.T.
VGS
+
-V
DD
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig 9. Maximum Drain Current Vs.
Case Temperature
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
Notes:
1. Duty factor D = t / t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJC
C
P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50
SINGLE PULSE
(THERMAL RESPONSE)
25
50
75
100
125
150
0
20
40
60
80
100
T , Case Temperature ( C)
°
C
LIMITED BY PACKAGE


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SFR9220Advanced Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
ADP3118Dual Bootstrapped 12 V MOSFET Driver with Output Disable 1 2 3 4 5 MoreAnalog Devices
NTK3134NPower MOSFET 20 V 890 mA Single N−Channel with ESD Protection SOT−723 1 2 3 4 5 ON Semiconductor
IRF3709ZPBFHEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRLR120HEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IXTP02N50DHigh Voltage MOSFET N-Channel Depletion Mode 1 2 IXYS Corporation
IRF6622DirectFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
2SK3613-01N-CHANNEL SILICON POWER MOSFET 1 2 3 4 Fuji Electric
SI6955ADQDual P-Channel 30-V D-S MOSFET 1 2 3 Vishay Siliconix
IRF8010SPBFHEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn