Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRFU3709PBF Datasheet(PDF) 4 Page - International Rectifier

Part No. IRFU3709PBF
Description  HEXFET®Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo 

IRFU3709PBF Datasheet(HTML) 4 Page - International Rectifier

   
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
IRFU3709PbF
4
www.irf.com
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
0
5
10
15
20
25
30
0
1
2
3
4
5
6
Q , Total Gate Charge (nC)
G
I =
D
30A
V
= 6V
DS
V
= 15V
DS
V
= 24V
DS
0.1
1
10
100
1000
0.2
0.8
1.4
2.0
2.6
V
,Source-to-Drain Voltage (V)
SD
V
= 0 V
GS
T = 25 C
J
°
T = 150 C
J
°
1
10
100
1000
10000
1
10
100
OPERATION IN THIS AREA LIMITED
BY RDS(on)
Single Pulse
T
T
= 150 C
= 25 C
°
°
J
C
V
, Drain-to-Source Voltage (V)
DS
10us
100us
1ms
10ms
1
10
100
0
1000
2000
3000
4000
V
, Drain-to-Source Voltage (V)
DS
V
C
C
C
=
=
=
=
0V,
C
C
C
f = 1MHz
+ C
+ C
C
SHORTED
GS
iss
gs
gd ,
ds
rss
gd
oss
ds
gd
Ciss
Coss
Crss


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SFR9220Advanced Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
ADP3118Dual Bootstrapped 12 V MOSFET Driver with Output Disable 1 2 3 4 5 MoreAnalog Devices
NTK3134NPower MOSFET 20 V 890 mA Single N−Channel with ESD Protection SOT−723 1 2 3 4 5 ON Semiconductor
IRF3709ZPBFHEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRLR120HEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IXTP02N50DHigh Voltage MOSFET N-Channel Depletion Mode 1 2 IXYS Corporation
IRF6622DirectFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
2SK3613-01N-CHANNEL SILICON POWER MOSFET 1 2 3 4 Fuji Electric
SI6955ADQDual P-Channel 30-V D-S MOSFET 1 2 3 Vishay Siliconix
IRF8010SPBFHEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn