Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SBT150-10LS Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part No. SBT150-10LS
Description  Schottky Barrier Diode (Twin Type · Cathode Common) 100V, 15A Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

SBT150-10LS Datasheet(HTML) 2 Page - Sanyo Semicon Device

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SBT150-10LS
No. A0346-2/3
Package Dimensions
Electrical Connection
unit : mm
7509-001
Anode
Anode
Cathode
0.7
2.55
2.55
1.2
0.9
0.75
1.2
4.5
2.8
12 3
10.0
3.2
1 : Anode
2 : Cathode
3 : Anode
SANYO : TO-220FI(LS)
0
1.0
10
1.0
2.0
3.0
0.5
1.5
2.5
5
7
2
3
5
7
2
3
5
7
2
3
5
2
3
0.01
0.1
IT08501
0
10
1.0
100
7
5
7
3
2
5
7
3
2
3
2
20
40
60
80
120
100
(3)
(1)
0
0
15
20
30
25
5
10
218
10
16
14
12
68
4
IT08503
(4)
(3)
(1)
0
0
3
4
14
6
5
2
8
9
11
10
7
13
12
1
80
120
100
60
40
20
(2)
(4)
(2)
Tj=150
°C
25°C
IT08502
IT08504
Tj=150
°C max
150
°C typ
125
°C typ
100
°C typ
IF -- VF
IR -- VR
PF(AV) -- IO
PR(AV) -- VRM
PR max at Tj=150°C
Forward Voltage, VF -- V
Reverse Voltage, VR -- V
Peak Reverse Voltage, VRM -- V
Average Output Current, IO -- A
180
°
360
°
θ
360
°
180
°
360
°
VR
(1)Rectangular wave
θ=60°
(2)Rectangular wave
θ=120°
(3)Rectangular wave
θ=180°
(4)Sine wave
θ=180°
(1)Rectangular wave
θ=300°
(2)Rectangular wave
θ=240°
(3)Rectangular wave
θ=180°
(4)Sine wave
θ=180°
Sine wave
Sine wave
Rectangular
wave
θ
360
°
VR
Rectangular
wave
Represented by max


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn