Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SBT150-10LS Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part No. SBT150-10LS
Description  Schottky Barrier Diode (Twin Type · Cathode Common) 100V, 15A Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

SBT150-10LS Datasheet(HTML) 1 Page - Sanyo Semicon Device

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SBT150-10LS
No. A0346-1/3
Applications
High frequency rectification (switching regulators, converters, choppers).
Features
Tj=150
°C.
Low forward voltage (VF max=0.80V).
Short reverse recovery time.
Low switching noise.
High reliability due to highly reliable planar structure.
Micaless package facilitating mounting.
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Repetitive Peak Reverse Voltage
VRRM
100
V
Nonrepetitive Peak Reverse Surge Voltage
VRSM
105
V
Average Output Current
IO
50Hz resistive load, Sine wave Tc=43
°C15
A
Surge Forward Current
IFSM
50Hz sine wave, 1 cycle
80
A
Junction Temperature
Tj
--55 to +150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Reverse Voltage
VR
IR=2mA, Tj=25°C*
100
V
Forward Voltage
VF
IF=6A, Tj=25°C*
0.80
V
Reverse Current
IR
VR=50V, Tj=25°C*
0.2
mA
Interterminal Capacitance
C
VR=10V, Tj=25°C*
180
pF
Thermal Resistance
Rth(j-c)
Junction-Case : Smoothed DC
4.0
°C / W
Note) * : Value per element
Ordering number : ENA0346
80906 / 22006SD MS IM TB-00002086
SBT150-10LS
Schottky Barrier Diode (Twin Type · Cathode Common)
100V, 15A Rectifier
SANYO Semiconductors
DATA SHEET
Any and all SANYO Semiconductor products described or contained herein do not have specifications
that can handle applications that require extremely high levels of reliability, such as life-support systems,
aircraft's control systems, or other applications whose failure can be reasonably expected to result in
serious physical and/or material damage. Consult with your SANYO Semiconductor representative
nearest you before usingany SANYO Semiconductor products described or contained herein in such
applications.
SANYO Semiconductor assumes no responsibility for equipment failures that result from using products
at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
products described or contained herein.
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn