Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR200-10JS Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # SBR200-10JS
Description  Schottky Barrier Diode (Twin TypeCathode Common) 100V, 20A Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SBR200-10JS Datasheet(HTML) 1 Page - Sanyo Semicon Device

  SBR200-10JS Datasheet HTML 1Page - Sanyo Semicon Device SBR200-10JS Datasheet HTML 2Page - Sanyo Semicon Device SBR200-10JS Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SBR200-10JS
No. A0881-1/3
Applications
High frequency rectification (switching regulators, converters, choppers).
Features
Low reverse current.
Low switching noise.
High reliability due to planar structure.
Attachment workability is good by Mica-less package.
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Repetitive Peak Reverse Voltage
VRRM
100
V
Nonrepetitive Peak Reverse Surge Voltage
VRSM
105
V
Average Output Current
IO
50Hz resistive load, Sine wave Tc=74°C20
A
Surge Forward Current
IFSM
50Hz sine wave, 1 cycle
180
A
Junction Temperature
Tj
--55 to +150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Reverse Voltage
VR
IR=3mA, Tj=25°C*
100
V
Forward Voltage
VF
IF=10A, Tj=25°C*
0.88
V
Reverse Current
IR
VR=100V, Tj=25°C*
1
mA
Interterminal Capacitance
C
VR=10V, Tj=25°C*
280
pF
Thermal Resistance
Rth(j-c)
Junction-Case : Smoothed DC
3.5
°C / W
Note) * : Value per element
SANYO Semiconductors
DATA SHEET
Ordering number : ENA0881
62707SB TI IM TC-00000502
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
SBR200-10JS
Schottky Barrier Diode (Twin Type · Cathode Common)
100V, 20A Rectifier


Similar Part No. - SBR200-10JS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBR200-10G SANYO-SBR200-10G Datasheet
50Kb / 3P
   Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 100V, 20A Rectifier
More results

Similar Description - SBR200-10JS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBR200-10G SANYO-SBR200-10G Datasheet
50Kb / 3P
   Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 100V, 20A Rectifier
SBR200-16JS SANYO-SBR200-16JS Datasheet
40Kb / 3P
   Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 160V, 20A Rectifier
SBJ200-06J SANYO-SBJ200-06J Datasheet
36Kb / 3P
   Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 60V, 20A Rectifier
SBJ200-04J SANYO-SBJ200-04J Datasheet
35Kb / 3P
   Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 40V, 20A Rectifier
SBR160-10J SANYO-SBR160-10J Datasheet
35Kb / 3P
   Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 100V, 16A Rectifier
SBT350-10L SANYO-SBT350-10L Datasheet
35Kb / 3P
   Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 100V, 35A Rectifier
SBT250-10R SANYO-SBT250-10R Datasheet
36Kb / 3P
   Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 100V, 25A Rectifier
SBT150-10JS SANYO-SBT150-10JS Datasheet
40Kb / 3P
   Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 100V, 15A Rectifier
SBT250-10J SANYO-SBT250-10J Datasheet
38Kb / 3P
   Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 100V, 25A Rectifier
SBT80-10J SANYO-SBT80-10J Datasheet
38Kb / 3P
   Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 100V, 8A Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com