Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS21563-P Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # PS21563-P
Description  AC100V~200V inverter drive for small power motor control
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PS21563-P Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  PS21563-P Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PS21563-P Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PS21563-P Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PS21563-P Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PS21563-P Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PS21563-P Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PS21563-P Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PS21563-P Datasheet HTML 8Page - Mitsubishi Electric Semiconductor PS21563-P Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MITSUBISHI SEMICONDUCTOR <Dual-In-Line Package Intelligent Power Module>
PS21563-P
TRANSFER-MOLD TYPE
INSULATED TYPE
Sep. 2005
Note1: In the recommended external protection circuit, please select the RC time constant in the range 1.5~2.0
µs.
2: To prevent erroneous protection operation, the wiring of A, B, C should be as short as possible.
Drive circuit
Drive circuit
Protection circuit
W
V
U
B
C
VNC
CIN
A
P
N1
N
C
R
Shunt Resistor
External protection circuit
DIP-IPM
L-side IGBTS
H-side IGBTS
SC Protection
Trip Level
IC (A)
tw (
µs)
2
0
Short Circuit Protective Function (SC) :
SC protection is achieved by sensing the L-side DC-Bus current (through the external
shunt resistor) after allowing a suitable filtering time (defined by the RC circuit).
When the sensed shunt voltage exceeds the SC trip-level, all the L-side IGBTs are turned
OFF and a fault signal (Fo) is output. Since the SC fault may be repetitive, it is
recommended to stop the system when the Fo signal is received and check the fault.
Collector current
waveform
(Note 1)
(Note 2)
AC line input
Drive circuit
(15V line)
(3, 5V line) (Note 1, 2)
VD
VNC
VNC
W
V
U
Input signal
conditioning
Level shifter
Drive circuit
Protection
circuit (UV)
Input signal
conditioning
Input signal
conditioning
Input signal conditioning
Fo logic
Protection
circuit
circuit (UV)
Protection
circuit (UV)
Control supply
Under-Voltage
protection
Drive circuit Drive circuit
FO
CFO
N1
Fault output (5V line)
(Note 3, 5)
High-side input (PWM)
(3, 5V line) (Note 1,2)
Low-side input (PWM)
(Note 6)
DIP-IPM
Z : ZNR (Surge absorber)
C : AC filter (Ceramic capacitor 2.2~6.5nF)
(Note : Additionally, an appropriate line-to line
surge absorber circuit may become necessary
depending on the application environment).
C2
C1
C1 : Tight tolerance, temp-compensated electrolytic type
C2 : 0.22~2
µF R-category ceramic capacitor for noise filtering.
(Note : The capacitance value depends on the PWM control
scheme used in the applied system).
Note1:
Input logic is high-active. There is a 2.5k
Ω (min) pull-down resistor built-in each input circuit. When using an external CR filter, please make it satisfy the
input threshold voltage.
2:
By virtue of integrating an application specific type HVIC inside the module, direct coupling to MCU terminals without any opto-coupler or transformer
isolation is possible. (see also Fig. 8)
3:
This output is open drain type. The signal line should be pulled up to the positive side of the 5V power supply with approximately 10k
Ω resistance.
(see also Fig. 8)
4:
The wiring between the power DC link capacitor and the P, N1 terminals should be as short as possible to protect the DIP-IPM against catastrophic high
surge voltages. For extra precaution, a small film type snubber capacitor (0.1~0.22
µF, high voltage type) is recommended to be mounted close to
these P-N1 DC power input pins.
5:
Fo output pulse width should be decided by putting external capacitor between CFO and VNC terminals. (Example : CFO=22nF
→ tFO=1.8ms (Typ.))
6:
High voltage (600V or more) and fast recovery type (less than 100ns) diodes should be used in the bootstrap circuit.
7:
The terminal VNO should be connected to the terminal N outside of DIP-IPM.
8:
To prevent ICs from surge destruction, it is recommended to insert a Zener diode (24V, 1W) nearby each pair of supply terminals.
H-side IGBTS
L-side IGBTS
(Note 4)
Fig. 3
Inrush current
limiter circuit
Level shifter Level shifter
Protection
AC line output
M
(Note 8)
(Note 8)
Z
C
P
N
(Note 7)
CIN
VNO
Fig. 2 INTERNAL FUNCTIONS BLOCK DIAGRAM (TYPICAL APPLICATION EXAMPLE)
Fig. 3 EXTERNAL PART OF THE DIP-IPM PROTECTION CIRCUIT


Similar Part No. - PS21563-P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21563-P MITSUBISHI-PS21563-P Datasheet
645Kb / 2P
   Generation DIP and Mini-DIP-IPM
logo
Powerex Power Semicondu...
PS21563-PP POWEREX-PS21563-PP Datasheet
346Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module 10 Amperes/600 Volts
More results

Similar Description - PS21563-P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21563-SP MITSUBISHI-PS21563-SP Datasheet
125Kb / 8P
   AC100V~200V inverter drive for small power motor control
PS21564-SP MITSUBISHI-PS21564-SP Datasheet
125Kb / 8P
   AC100V~200V inverter drive for small power motor control
PS21562-P MITSUBISHI-PS21562-P Datasheet
133Kb / 9P
   AC100V~200V inverter drive for small power motor control.
PS21564-P MITSUBISHI-PS21564-P Datasheet
133Kb / 9P
   AC100V~200V inverter drive for small power motor control
PS21562-SP MITSUBISHI-PS21562-SP Datasheet
124Kb / 8P
   AC100V~200V inverter drive for small power motor control
PS21661-FR MITSUBISHI-PS21661-FR Datasheet
540Kb / 10P
   AC100V~200V, three-phase inverter drive for small power motor control.
PS21267-P-AP MITSUBISHI-PS21267-P-AP Datasheet
178Kb / 10P
   AC100V~200V three-phase inverter drive for small power motor control.
PS21265-P-AP MITSUBISHI-PS21265-P-AP Datasheet
178Kb / 10P
   AC100V~200V three-phase inverter drive for small power motor control.
logo
ON Semiconductor
STK5F1U3C2D-E ONSEMI-STK5F1U3C2D-E Datasheet
455Kb / 15P
   Inverter Power H-IC for 3-phase Motor Drive
July, 2014 Ver.140520DS
logo
Infineon Technologies A...
IRMCK099 INFINEON-IRMCK099 Datasheet
1Mb / 31P
   iMOTION??motor control IC for single motor drive
Revision 1.0 2014-12-18
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com