Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SBM0204R Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part No. SBM0204R
Description  Schottky Barrier Diode 40V, 0.2A Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

SBM0204R Datasheet(HTML) 3 Page - Sanyo Semicon Device

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SBM0204R
No. A0917-3/4
IFSM -- n
Number of Cycles, n
IO -- Tc
Case Temperature, Tc --
°C
C -- VR
Reverse Voltage, VR -- V
IFSM -- t
Time, t -- s
Rth(j-c) -- t
Time, t -- s
1.0
10
23
5
2
7
100
35
7
IT12831
0
1
2
4
5
6
7
3
0
25
75
100
50
125
0
0.1
0.2
0.4
0.5
0.3
DC
0.5
IT12837
SIN
VR
T
0V
IO
0A
t
D=t/T
VR=20V
Tj=125
°C
IT12838
1cyc
8.3ms
8.3ms
IFSM
Ta=25
°C
0
1
2
3
4
6
8
5
7
9
15
10
11
12
13
14
IT12839
0.1
1.0
10
23
5 7
23
5 7
23
5 7 100
t
IFSM
2
3
5
2
7
100
3
5
7
1000
10
23
0.001
0.01
57
2 3
0.1
57
2 3
1.0
57
2 3
10
57
2 3
100
57
2 3
1000
57
IT12840
Rth(j--a)
Rth(j--c)
0
10
20
30
2
3
5
2
3
2
7
10
5
1.0
f=1MHz
Mounted on a glass epoxy board


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn