Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SBM0204R Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part No. SBM0204R
Description  Schottky Barrier Diode 40V, 0.2A Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

SBM0204R Datasheet(HTML) 2 Page - Sanyo Semicon Device

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SBM0204R
No. A0917-2/4
Package Dimensions
unit : mm (typ)
7810-001
0.3
Cathode mark
0.3
0.6
0.8
0.12
PF -- IO
IF -- VF
IO -- Ta
IR -- VR
Average Output Current, IO -- A
Forward Voltage, VF -- V
Reverse Voltage, VR -- V
Ambient Temperature, Ta --
°C
IT12833
IT12834
0
0.2
0.4
0.1
0.3
0.5
0.6
0
0.1
0.2
0.3
1.0
0.01
0.1
10
100
1000
0.001
0.0001
0.001
0.1
0.01
1.0
10
100
1000
0
0.1
0.2
0.3
0.4
0.5
75°C
25°C
--25°C
Ta=125°C
IT12835
010
20
40
30
0
25
75
100
50
125
0
0.1
0.2
0.4
0.5
0.3
DC
0.5
IT12836
SIN
VR
T
0V
IO
0A
t
D=t/T
VR=20V
Tj=125
°C


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn